Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9171AN Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT9171AN
Description  ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9171AN Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT9171AN Datasheet HTML 1Page - Mitel Networks Corporation MT9171AN Datasheet HTML 2Page - Mitel Networks Corporation MT9171AN Datasheet HTML 3Page - Mitel Networks Corporation MT9171AN Datasheet HTML 4Page - Mitel Networks Corporation MT9171AN Datasheet HTML 5Page - Mitel Networks Corporation MT9171AN Datasheet HTML 6Page - Mitel Networks Corporation MT9171AN Datasheet HTML 7Page - Mitel Networks Corporation MT9171AN Datasheet HTML 8Page - Mitel Networks Corporation MT9171AN Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
9-133
9-133
®
Features
Full duplex transmission over a single twisted
pair
Selectable 80 or 160 kbit/s line rate
Adaptive echo cancellation
Up to 3km (9171) and 4 km (9172)
ISDN compatible (2B+D) data format
Transparent modem capability
Frame synchronization and clock extraction
MITEL ST-BUS compatible
Low power (typically 50 mW), single 5V supply
Applications
Digital subscriber lines
High speed data transmission over twisted
wires
Digital PABX line cards and telephone sets
80 or 160 kbit/s single chip modem
Description
The MT9171 (DSIC) and MT9172 (DNIC) are multi-
function devices capable of providing high speed,
full duplex digital transmission up to 160 kbit/s over
Figure 1 - Functional Block Diagram
DSTi/Di
CDSTi/
F0/CLD
C4/TCK
F0o/RCK
MS0
MS1
MS2
RegC
DSTo/Do
CDSTo/
CDo
Transmit
Interface
Prescrambler
Scrambler
Control
Register
Transmit/
Clock
Receive
Timing &
Control
Status
Transmit
Timing
Master Clock
Phase Locked
Sync Detect
Receive
DPLL
Receive
Interface
De-
Prescrambler
Descrambler
Differentially
Encoded Biphase
Receiver
Differentially
Encoded Biphase
Transmitter
Transmit
Filter &
Line Driver
Receive
Filter
-1
+2
MUX
Address
Echo Canceller
Error
Signal
Echo Estimate
VBias
VDD
VSS VBias VRef
LOUT
LOUT
DIS
Precan
LIN
OSC2
OSC1
+
CDi
ISSUE 1
May 1995
a twisted wire pair.
They use adaptive echo-
cancelling techniques and transfer data in (2B+D)
format compatible to the ISDN basic rate. Several
modes of operation allow an easy interface to digital
telecommunication networks including use as a high
speed limited distance modem with data rates up to
160 kbit/s. Both devices function identically but with
the DSIC having a shorter maximum loop reach
specification.
The generic "DNIC" will be used to
reference both devices unless otherwise noted.
The MT9171/72 is fabricated in Mitel’s ISO2-CMOS
process.
Ordering Information
MT9171AE
22 Pin Plastic DIP
MT9172AE
22 Pin Plastic DIP
MT9172AC
22 Pin Ceramic DIP
MT9171AN
24 Pin SSOP
MT9172AN
24 Pin SSOP
MT9171AP
28 Pin PLCC
MT9172AP
28 Pin PLCC
-40°C to
+85°C
MT9171/72
Digital Subscriber Interface Circuit
Digital Network Interface Circuit
ISO2-CMOS ST-BUS
™ FAMILY


Similar Part No. - MT9171AN

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9171AN ZARLINK-MT9171AN Datasheet
401Kb / 25P
   ISO2-CMOS ST-BUS FAMILY
MT9171AN ZARLINK-MT9171AN Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171AN1 ZARLINK-MT9171AN1 Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171ANR ZARLINK-MT9171ANR Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171ANR1 ZARLINK-MT9171ANR1 Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
More results

Similar Description - MT9171AN

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
   CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MT8930C-1 MITEL-MT8930C-1 Datasheet
323Kb / 42P
   CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171_06 Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Mitel Networks Corporat...
MT9174 MITEL-MT9174 Datasheet
33Kb / 4P
   ISO2-CMOS ST-BUS??FAMILY Digital Network Interface Circuit with Receive Sync Marker Bit
MT8930C MITEL-MT8930C Datasheet
683Kb / 36P
   CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
MT8931C MITEL-MT8931C Datasheet
309Kb / 40P
   CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
logo
Zarlink Semiconductor I...
MT9173 ZARLINK-MT9173 Datasheet
613Kb / 28P
   Digital Subscriber Interface Circuit with RxSB Digital Network Interface Circuit with RxSB
MT8930C ZARLINK-MT8930C Datasheet
2Mb / 41P
   Subscriber Network Interface Circuit
logo
Mitel Networks Corporat...
MT8931B MITEL-MT8931B Datasheet
37Kb / 3P
   Subscriber Network Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com