Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT91L61AE Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # MT91L61AE
Description  ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT91L61AE Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button MT91L61AE Datasheet HTML 7Page - Mitel Networks Corporation MT91L61AE Datasheet HTML 8Page - Mitel Networks Corporation MT91L61AE Datasheet HTML 9Page - Mitel Networks Corporation MT91L61AE Datasheet HTML 10Page - Mitel Networks Corporation MT91L61AE Datasheet HTML 11Page - Mitel Networks Corporation MT91L61AE Datasheet HTML 12Page - Mitel Networks Corporation MT91L61AE Datasheet HTML 13Page - Mitel Networks Corporation MT91L61AE Datasheet HTML 14Page - Mitel Networks Corporation MT91L61AE Datasheet HTML 15Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Advance Information
MT91L60/61
11
Applications
Figure 8 shows an application in a wireless phone
set.
Figure 9 shows an MT9161B’s delayed frame
pulse driving a second MT9161B. This configuration
would be used where multiple CODEC’s were using
a data bus (an example being Mitel’s ST-BUS).
Table 2: 3V Multi-featured Codec Register Map
00
RxINC
RxFG2
RxFG1
RxFG0
TxINC
TxFG2
TxFG1
TxFG0
Gain Control
Register 1
01
-----
STG2
STG1
STG0
Gain Control
Register 2
02
-------
DrGain
Path Control
03
PDFDI
PDDR
RST
-
TxMute
RxMute
TxBsel
RxBsel Control Register 1
04
CEN
DEN
D8
A/
µ
Smag/
ITU-T
CSL2
CSL1
CSL0
Control Register 2
05
C7
C6
C5
C4
C3
C2
C1
C0
C-Channel
Register
06
D7
D6
D5
D4
D3
D2
D1
D0
D-Channel
Register
07
----
PCM/
ANALOG
loopen
-
-
Loop Back
Note: Bits marked "-" are reserved bits and should be written with logic "0"


Similar Part No. - MT91L61AE

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT91L61AE ZARLINK-MT91L61AE Datasheet
529Kb / 33P
   3 Volt Multi-Featured Codec (MFC)
More results

Similar Description - MT91L61AE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT91L60 MITEL-MT91L60 Datasheet
166Kb / 20P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT9160B MITEL-MT9160B Datasheet
13Kb / 2P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9160 MITEL-MT9160 Datasheet
402Kb / 28P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9161B MITEL-MT9161B Datasheet
154Kb / 30P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
logo
Zarlink Semiconductor I...
MT91L61 ZARLINK-MT91L61 Datasheet
529Kb / 33P
   3 Volt Multi-Featured Codec (MFC)
MT9161B ZARLINK-MT9161B Datasheet
422Kb / 30P
   5 Volt Multi-Featured Codec (MFC)
logo
Mitel Networks Corporat...
MT91L62 MITEL-MT91L62 Datasheet
79Kb / 17P
   ISO2-CMOS 3 Volt Single Rail Codec
MT9162 MITEL-MT9162 Datasheet
83Kb / 17P
   ISO2-CMOS 5 Volt Single Rail Codec
MT8960 MITEL-MT8960 Datasheet
324Kb / 22P
   ISO2-CMOS Integrated PCM Filter Codec
logo
Zarlink Semiconductor I...
MT91L62 ZARLINK-MT91L62 Datasheet
405Kb / 19P
   3 Volt Single Rail Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com