Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSS1C200L Datasheet(PDF) 5 Page - ON Semiconductor

Part # NSS1C200L
Description  PNP Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS1C200L Datasheet(HTML) 5 Page - ON Semiconductor

  NSS1C200L Datasheet HTML 1Page - ON Semiconductor NSS1C200L Datasheet HTML 2Page - ON Semiconductor NSS1C200L Datasheet HTML 3Page - ON Semiconductor NSS1C200L Datasheet HTML 4Page - ON Semiconductor NSS1C200L Datasheet HTML 5Page - ON Semiconductor NSS1C200L Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NSS1C200L, NSV1C200L
www.onsemi.com
5
t, PULSE TIME (s)
Figure 14. Transient Thermal Resistnce
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
Single Pulse
1000
100
10
1
0.1
0.000001
0.00001
0.0001
0.001
0.01
0.1
1.0
10
100
1000


Similar Part No. - NSS1C200L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS1C200L ONSEMI-NSS1C200L Datasheet
135Kb / 6P
   PNP Transistor
October, 2016 ??Rev. 6
NSS1C200LT1G ONSEMI-NSS1C200LT1G Datasheet
72Kb / 5P
   100 V, 3.0 A, Low VCE(sat) PNP Transistor
March, 2008 - Rev. 0
NSS1C200LT1G ONSEMI-NSS1C200LT1G Datasheet
135Kb / 6P
   PNP Transistor
October, 2016 ??Rev. 6
logo
Guangdong Kexin Industr...
NSS1C200LT1G KEXIN-NSS1C200LT1G_15 Datasheet
930Kb / 4P
   PNP Transistors
logo
ON Semiconductor
NSS1C200L ONSEMI-NSS1C200L_16 Datasheet
135Kb / 6P
   PNP Transistor
October, 2016 ??Rev. 6
More results

Similar Description - NSS1C200L

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com