Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSS1C200L Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSS1C200L
Description  PNP Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS1C200L Datasheet(HTML) 2 Page - ON Semiconductor

  NSS1C200L Datasheet HTML 1Page - ON Semiconductor NSS1C200L Datasheet HTML 2Page - ON Semiconductor NSS1C200L Datasheet HTML 3Page - ON Semiconductor NSS1C200L Datasheet HTML 4Page - ON Semiconductor NSS1C200L Datasheet HTML 5Page - ON Semiconductor NSS1C200L Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NSS1C200L, NSV1C200L
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = −10 mAdc, IB = 0)
V(BR)CEO
−100
Vdc
Collector − Base Breakdown Voltage
(IC = −0.1 mAdc, IE = 0)
V(BR)CBO
−140
Vdc
Emitter − Base Breakdown Voltage
(IE = −0.1 mAdc, IC = 0)
V(BR)EBO
−7.0
Vdc
Collector Cutoff Current
(VCB = −140 Vdc, IE = 0)
ICBO
−100
nAdc
Emitter Cutoff Current
(VEB = −6.0 Vdc)
IEBO
−50
nAdc
ON CHARACTERISTICS
DC Current Gain (Note 3)
(IC = −10 mA, VCE = −2.0 V)
(IC = −500 mA, VCE = −2.0 V)
(IC = −1.0 A, VCE = −2.0 V)
(IC = −2.0 A, VCE = −2.0 V)
hFE
150
120
80
50
240
360
Collector − Emitter Saturation Voltage (Note 3)
(IC = −0.1 A, IB = −0.01 A)
(IC = −0.5 A, IB = −0.05 A)
(IC = −1.0 A, IB = −0.100 A)
(IC = −2.0 A, IB = −0.200 A)
VCE(sat)
−0.040
−0.080
−0.115
−0.250
V
Base − Emitter Saturation Voltage (Note 3)
(IC = −1.0 A, IB = −0.100 A)
VBE(sat)
−0.950
V
Base − Emitter Turn−on Voltage (Note 3)
(IC = −1.0 A, VCE = −2.0 V)
VBE(on)
−0.850
V
Cutoff Frequency
(IC = −100 mA, VCE = −5.0 V, f = 100 MHz)
fT
120
MHz
Input Capacitance (VEB = 2.0 V, f = 1.0 MHz)
Cibo
200
pF
Output Capacitance (VCB = 10 V, f = 1.0 MHz)
Cobo
22
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulsed Condition: Pulse Width = 300 msec, Duty Cycle
≤ 2%.
0.60
0.50
0.40
0.30
0.20
0.10
0
0
20
160
40
60
140
120
100
80
TA, AMBIENT TEMPERATURE (°C)
Figure 1. Power Derating
Note 2
Note 1


Similar Part No. - NSS1C200L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS1C200L ONSEMI-NSS1C200L Datasheet
135Kb / 6P
   PNP Transistor
October, 2016 ??Rev. 6
NSS1C200LT1G ONSEMI-NSS1C200LT1G Datasheet
72Kb / 5P
   100 V, 3.0 A, Low VCE(sat) PNP Transistor
March, 2008 - Rev. 0
NSS1C200LT1G ONSEMI-NSS1C200LT1G Datasheet
135Kb / 6P
   PNP Transistor
October, 2016 ??Rev. 6
logo
Guangdong Kexin Industr...
NSS1C200LT1G KEXIN-NSS1C200LT1G_15 Datasheet
930Kb / 4P
   PNP Transistors
logo
ON Semiconductor
NSS1C200L ONSEMI-NSS1C200L_16 Datasheet
135Kb / 6P
   PNP Transistor
October, 2016 ??Rev. 6
More results

Similar Description - NSS1C200L

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com