Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT91L62AE Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT91L62AE
Description  ISO2-CMOS 3 Volt Single Rail Codec
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT91L62AE Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT91L62AE Datasheet HTML 1Page - Mitel Networks Corporation MT91L62AE Datasheet HTML 2Page - Mitel Networks Corporation MT91L62AE Datasheet HTML 3Page - Mitel Networks Corporation MT91L62AE Datasheet HTML 4Page - Mitel Networks Corporation MT91L62AE Datasheet HTML 5Page - Mitel Networks Corporation MT91L62AE Datasheet HTML 6Page - Mitel Networks Corporation MT91L62AE Datasheet HTML 7Page - Mitel Networks Corporation MT91L62AE Datasheet HTML 8Page - Mitel Networks Corporation MT91L62AE Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MT91L62
Advance Information
7-174
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
13
VBias
Bias Voltage (Output). (VDD/2) volts is available at this pin for biasing external amplifiers.
Connect 0.1
µ F capacitor to V
SS.
14
VRef
Reference Voltage for Codec (Output). Nominally [(VDD/2)-1.1] volts. Used internally.
Connect 0.1
µ F capacitor to V
SS.
15
PWRST Power-up Reset. Resets internal state of device via Schmitt Trigger input (active low).
16
IC
Internal Connection. Tie externally to VSS for normal operation.
17
A/
µ
A/
µ Law Selection. CMOS level compatable input pin governs the companding law used by the
device. A-law selected when pin tied to VDD or µ-law selected when pin tied to VSS.
18
RXMute Receive Mute. When 1, the transmit PCM is forced to negative zero code. When 0, normal
operation. CMOS level compatable input.
19
TXMute
Transmit Mute. When 1, the transmit PCM is forced to negative zero code. When 0, normal
operation. CMOS level compatable input.
20
21
22
CSL0
CSL1
CSL2
Clock Speed Select. These pins are used to program the speed of the SSI mode as well as the
conversion rate between the externally supplied MCL clock and the 512 KHz clock required by a
filter/codec. Refer to Table 2 for details. CMOS level compatable input.
23
Dout
Data Output. A tri-state digital output for 8-bit wide channel data being sent to the Layer 1
device. Data is shifted out via the pin concurrent with the rising edge of BCL during the timeslot
defined by STB.
24
Din
Data Input. A digital input for 8-bit wide data from the layer 1 device. Data is sampled on the
falling edge of BCL during the timeslot defined by STB. CMOS level compatable input.
13
STB
Data Strobe. This input determines the 8-bit timeslot used by the device for both transmit and
receive data. This active high signal has a repetition rate of 8 kHz. CMOS level compatable
input.
14
CLOCKin Clock (Input). The clock provided to this input pin is used by the internal device functions.
Connect bit clock to this pin when it is 512 kHz or greater. Connect a 4096 kHz clock to this pin
when the bit clock is 128 kHz or 256 kHz. CMOS level compatable input.
15
VDD
Positive Power Supply. Nominally 3 volts.
16
AOUT-
Inverting Analog Output. (balanced).
17
AOUT+
Non-Inverting Analog Output. (balanced).
18
VSS
Ground. Nominally 0 volts.
19
Ain-
Inverting Analog Input. No external anti-aliasing is required.
20
Ain+
Non-Inverting Analog Input. Non-inverting input. No external anti-aliasing is required.
AIN-
AIN+
VBias
VRef
IC
RXMute
CSL0
CSL1
CSL2
Din
Dout
VSS
AOUT +
AOUT -
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
PWRST
TXMute
STB
CLOCKin
A/
µ
20 PIN PDIP/SOIC/SSOP


Similar Part No. - MT91L62AE

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT91L62AE ZARLINK-MT91L62AE Datasheet
405Kb / 19P
   3 Volt Single Rail Codec
More results

Similar Description - MT91L62AE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9162 MITEL-MT9162 Datasheet
83Kb / 17P
   ISO2-CMOS 5 Volt Single Rail Codec
MT91L60 MITEL-MT91L60 Datasheet
166Kb / 20P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT91L61 MITEL-MT91L61 Datasheet
146Kb / 32P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
logo
Zarlink Semiconductor I...
MT91L62 ZARLINK-MT91L62 Datasheet
405Kb / 19P
   3 Volt Single Rail Codec
logo
Mitel Networks Corporat...
MT9160B MITEL-MT9160B Datasheet
13Kb / 2P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9160 MITEL-MT9160 Datasheet
402Kb / 28P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9161B MITEL-MT9161B Datasheet
154Kb / 30P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
logo
Zarlink Semiconductor I...
MT9162 ZARLINK-MT9162 Datasheet
569Kb / 22P
   5 Volt Single Rail Codec
logo
Mitel Networks Corporat...
MT8960 MITEL-MT8960 Datasheet
324Kb / 22P
   ISO2-CMOS Integrated PCM Filter Codec
logo
OKI electronic componet...
ML7048 OKI-ML7048 Datasheet
138Kb / 20P
   3-Channel Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com