Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9300 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # MT9300
Description  Multi-Channel Voice Echo Canceller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9300 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button MT9300 Datasheet HTML 4Page - Mitel Networks Corporation MT9300 Datasheet HTML 5Page - Mitel Networks Corporation MT9300 Datasheet HTML 6Page - Mitel Networks Corporation MT9300 Datasheet HTML 7Page - Mitel Networks Corporation MT9300 Datasheet HTML 8Page - Mitel Networks Corporation MT9300 Datasheet HTML 9Page - Mitel Networks Corporation MT9300 Datasheet HTML 10Page - Mitel Networks Corporation MT9300 Datasheet HTML 11Page - Mitel Networks Corporation MT9300 Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
MT9300
Advance Information
8
cancellers that can each be configured into Back-to-
Back.
Examples of Back-to-Back configuration include
positioning one group of echo cancellers between a
CODEC and a transmission device or between two
codecs for echo control on analog trunks.
Extended Delay configuration
In this configuration, the two echo cancellers from
the same group are internally cascaded into one 128
milliseconds echo canceller. See Figure 5b. This
configuration uses only one timeslot on PORT1 and
PORT2 and the second timeslot normally associated
with ECB contains undefined data.
Extended Delay configuration is selected by writing
“1” into the ExtDl bit in Echo Canceller A, Control
Register A1. For a given group, only Echo Canceller
A, Control Register A1, has the ExtDl bit. Control
Register B1, bit-0 must always be set to zero.
Table 2 shows the 16 groups of 2 cancellers that can
each be configured into 64ms or 128ms echo tail
capacity.
Echo Canceller Functional States
Each echo canceller has four functional states:
Mute, Bypass, Disable Adaptation and Enable
Adaptation.
Mute
In Normal and in Extended Delay configurations,
writing a “1” into the MuteR bit replaces Rin with
quiet code which is applied to both the Adaptive
Filter and Rout. Writing a “1” into the MuteS bit
replaces the Sout PCM data with quiet code.
In Back-to-Back configuration, writing a “1” into the
MuteR bit of Echo Canceller A, Control Register 2,
causes quiet code to be transmitted on Rout. Writing
a “1” into the MuteS bit of Echo Canceller A, Control
Register 2, causes quiet code to be transmitted on
Sout.
In
Extended
Delay
and
in
Back -to -Back
configurations, MuteR and MuteS bits of Echo
Canceller B must always be “0”. Refer to Figure 3
and to Control Register 2 for bit description.
Bypass
The Bypass state directly transfers PCM codes from
Rin to Rout and from Sin to Sout. When Bypass
state is selected, the Adaptive Filter coefficients
are reset to zero.
Disable Adaptation
When the Disable Adaptation state is selected, the
Adaptive Filter coefficients are frozen at their current
value. In this state, the adaptation process is halted
however the echo canceller continues to cancel
echo.
Enable Adaptation
In Enable Adaptation state, the Adaptive Filter
coefficients are continually updated. This allows
the echo canceller to model the echo return path
characteristics in order to cancel echo. This is the
normal operating state.
The echo canceller functions are selected in Control
Register A1/B1 and Control Register 2 through four
control bits: MuteS, MuteR, Bypass and AdaptDis.
Refer to the Registers Description for details.
MT9300 Throughput Delay
The
throughput
delay
of
the
MT9300
varies
according to the device configuration. For all device
configurations, Rin to Rout has a delay of two
frames and Sin to Sout has a delay of three frames.
In Bypass state, the Rin to Rout and Sin to Sout
paths have a delay of two frames.
Serial PCM I/O channels
There are two sets of TDM I/O streams, each with
channels numbered from 0 to 31. One set of input
streams is for Receive (Rin) channels, and the other
set of input streams is for Send (Sin) channels.
Likewise, one set of output streams is for Rout pcm
channels, and the other set is for Sout channels. See
figure 6 for channel allocation.
The arrangement and connection of PCM channels
to each echo canceller is a 2 port I/O configuration
for each set of PCM Send and Receive channels, as
illustrated in Figure 3.
LINEAR
16 bits
2’s
complement
SIGN/
MAGNITUDE
µ-Law
A-Law
CCITT (G.711)
µ-Law
A-Law
+Zero
(quiet code)
0000h
80h
FFh
D5h
Table 1 - Quiet PCM Code Assignment


Similar Part No. - MT9300

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
MT9300BL ZARLINK-MT9300BL Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
MT9300BV ZARLINK-MT9300BV Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
More results

Similar Description - MT9300

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
   16 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
   8 Channel Voice Echo Canceller
ZL50232 ZARLINK-ZL50232 Datasheet
551Kb / 41P
   32 Channel Voice Echo Canceller
ZL50211 ZARLINK-ZL50211 Datasheet
2Mb / 42P
   256 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065 Datasheet
658Kb / 48P
   32 Channel Voice Echo Canceller
ZL50212 ZARLINK-ZL50212 Datasheet
803Kb / 42P
   288 Channel Voice Echo Canceller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com