Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUP4107UPMU Datasheet(PDF) 3 Page - ON Semiconductor

Part # NUP4107UPMU
Description  High Speed Data Line Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP4107UPMU Datasheet(HTML) 3 Page - ON Semiconductor

  NUP4107UPMU Datasheet HTML 1Page - ON Semiconductor NUP4107UPMU Datasheet HTML 2Page - ON Semiconductor NUP4107UPMU Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NUP4107UPMU
http://onsemi.com
3
PACKAGE DIMENSIONS
UDFN6, 1.6x1.6, 0.5P
CASE 517AP−01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
B
E
D
D2
E2
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
K
6X
NOTE 3
2X
0.10 C
PIN ONE
REFERENCE
TOP VIEW
2X
0.10 C
6X
A
A1
(A3)
0.05 C
0.05 C
C SEATING
PLANE
SIDE VIEW
L
6X
1
3
5
6
DIM MIN
MAX
MILLIMETERS
A
0.45
0.55
A1
0.00
0.05
A3
0.13 REF
b
0.20
0.30
D
1.60 BSC
D2
1.10
1.30
E
1.60 BSC
E2
0.45
0.65
e
0.50 BSC
K
0.20
−−−
L
0.20
0.40
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
MOUNTING FOOTPRINT*
L1
DETAIL A
A1
A3
DETAIL B
OPTIONAL
MOLD CMPD
EXPOSED Cu
L
CONSTRUCTION
OPTIONAL
CONSTRUCTION
DETAIL B
DETAIL A
1.26
0.61
0.50 PITCH
0.52
6X
1.90
DIMENSIONS: MILLIMETERS
0.32
1
6X
SOLDERMASK DEFINED
L1
0.00
0.15
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NUP4107UPMU/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NUP4107UPMU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP4101FCT1 ONSEMI-NUP4101FCT1 Datasheet
28Kb / 2P
   5-Pin Lateral Bi-Directional Zener Array
May, 2002 ??Rev. 1
NUP4102XV6 ONSEMI-NUP4102XV6 Datasheet
47Kb / 3P
   6?뭁in Bi?묭irectional Quad TVS Array
January, 2006 ??Rev. 1
NUP4102XV6T1G ONSEMI-NUP4102XV6T1G Datasheet
47Kb / 3P
   6?뭁in Bi?묭irectional Quad TVS Array
January, 2006 ??Rev. 1
NUP4103FC ONSEMI-NUP4103FC Datasheet
138Kb / 5P
   Four Channel ESD Array
March, 2006 ??Rev. 1
NUP4103FCT1 ONSEMI-NUP4103FCT1 Datasheet
138Kb / 5P
   Four Channel ESD Array
March, 2006 ??Rev. 1
More results

Similar Description - NUP4107UPMU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP6101DMR2 ONSEMI-NUP6101DMR2 Datasheet
55Kb / 4P
   Unidirectional TVS Array for High-Speed Data Line Protection
March, 2004 ??Rev. 1
CM1234 ONSEMI-CM1234_14 Datasheet
149Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
CM1233 ONSEMI-CM1233_14 Datasheet
152Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 4
CM1236 ONSEMI-CM1236_14 Datasheet
147Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
ESDR0502NMUTAG ONSEMI-ESDR0502NMUTAG Datasheet
126Kb / 5P
   Ultra Low Capacitance ESD Protection Array for High Speed Data Line Protection
March, 2012 ??Rev. 4
ESDR0502N ONSEMI-ESDR0502N Datasheet
160Kb / 5P
   Ultra Low Capacitance ESD Protection Array for High Speed Data Line Protection
November, 2009 ??Rev. 0
logo
Murata Manufacturing Co...
LXES4XBAA6-027 MURATA-LXES4XBAA6-027 Datasheet
276Kb / 4P
   High Speed Communication Line Protection
LXES2TBBB4-028 MURATA-LXES2TBBB4-028 Datasheet
257Kb / 4P
   High Speed Communication Line Protection
logo
ON Semiconductor
NUP4000 ONSEMI-NUP4000 Datasheet
124Kb / 3P
   Bi-directional TVS Array for High-Speed Data Line Protection
August, 2009 ??Rev. 0
SMDA24CDR2G ONSEMI-SMDA24CDR2G Datasheet
96Kb / 4P
   Bi-directional TVS Array for High-Speed Data Line Protection
July, 2011 ??Rev. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com