Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9300AL Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT9300AL
Description  Multi-Channel Voice Echo Canceller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9300AL Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT9300AL Datasheet HTML 1Page - Mitel Networks Corporation MT9300AL Datasheet HTML 2Page - Mitel Networks Corporation MT9300AL Datasheet HTML 3Page - Mitel Networks Corporation MT9300AL Datasheet HTML 4Page - Mitel Networks Corporation MT9300AL Datasheet HTML 5Page - Mitel Networks Corporation MT9300AL Datasheet HTML 6Page - Mitel Networks Corporation MT9300AL Datasheet HTML 7Page - Mitel Networks Corporation MT9300AL Datasheet HTML 8Page - Mitel Networks Corporation MT9300AL Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
Features
Independent multiple channels echo
cancellation; from 32 channels of 64ms to 16
channels of 128ms with the ability to mix
channels at 128ms or 64ms in any combination
Independent Power Down mode for each group
of 2 channels for power management
Conforms to ITU-T G.165 and G.168
Recommendations
Field proven, high quality performance
Compatible to ST-BUS and GCI interface at
2Mb/s serial PCM
PCM coding,
µ/A-Law ITU-T G.711 or sign
magnitude
Per channel Fax/Modem G.164 2100Hz or
G.165 2100Hz phase reversal Tone Disable
Per channel echo canceller parameters control
Transparent data transfer and mute
Non-Linear processor with high quality
subjective performance
Protection against narrow band signal
divergence
Offset nulling of all PCM channels
10 MHz or 20 MHz master clock operation
3.3 Volts operation with 5-Volt tolerant inputs
No external memory required
Non-multiplexed microprocessor interface
IEEE-1149.1 (JTAG) Test Access Port
Applications
Voice over IP network gateways
Voice over ATM, Frame Relay
T1/E1/J1 multichannel echo cancellation
Wireless base stations
Echo Canceller pools
DCME, satellite and multiplexer systems
Description
The MT9300 Voice Echo Canceller implements a
cost effective solution for telephony voice-band echo
cancellation
conforming
to
ITU-T
G.168
requirements. The MT9300 architecture contains 16
groups of two echo cancellers (ECA and ECB) which
can be configured to provide two channels of 64
milliseconds or one channel of 128 milliseconds
echo cancellation. This provides 32 channels of 64
milliseconds to 16 channels of 128 milliseconds echo
cancellation
or
any
combination
of
the
two
configurations. The MT9300 supports ITU-T G.165
and G.164 tone disable requirements.
Figure 1 - Functional Block Diagram
RESET
Rout
IC0
Sout
DS CS R/W A10-A0 DTA
D7-D0
Test Port
Microprocessor Interface
Timing
Unit
Echo Canceller Pool
VSS
VDD
TDI TDO TCK TRST
TMS
Rin
IRQ
C4i
F0i
MCLK
ODE
Sin
Serial
to
Parallel
Parallel
to
Serial
PLL
Fsel
Group 0
ECA/ECB
Group 4
ECA/ECB
Group 8
ECA/ECB
Group 12
ECA/ECB
Group 1
ECA/ECB
Group 5
ECA/ECB
Group 9
ECA/ECB
Group 13
ECA/ECB
Group 2
ECA/ECB
Group 6
ECA/ECB
Group 10
ECA/ECB
Group 14
ECA/ECB
Group 3
ECA/ECB
Group 7
ECA/ECB
Group 11
ECA/ECB
Group 15
ECA/ECB
Note:
Refer to Figure 3
for Echo Canceller
block diagram
Ordering Information
MT9300AL
160-Pin MQFP
-40
°C to +85°C
DS5030
ISSUE 2
May 1999
MT9300
Multi-Channel Voice Echo Canceller
Advance Information


Similar Part No. - MT9300AL

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
MT9300BL ZARLINK-MT9300BL Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
MT9300BV ZARLINK-MT9300BV Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
More results

Similar Description - MT9300AL

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
   16 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
   8 Channel Voice Echo Canceller
ZL50232 ZARLINK-ZL50232 Datasheet
551Kb / 41P
   32 Channel Voice Echo Canceller
ZL50211 ZARLINK-ZL50211 Datasheet
2Mb / 42P
   256 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065 Datasheet
658Kb / 48P
   32 Channel Voice Echo Canceller
ZL50212 ZARLINK-ZL50212 Datasheet
803Kb / 42P
   288 Channel Voice Echo Canceller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com