Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2010AF-08SR Datasheet(PDF) 2 Page - ON Semiconductor

Part # P2010AF-08SR
Description  Low Frequency EMI Reduction IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P2010AF-08SR Datasheet(HTML) 2 Page - ON Semiconductor

  P2010AF-08SR Datasheet HTML 1Page - ON Semiconductor P2010AF-08SR Datasheet HTML 2Page - ON Semiconductor P2010AF-08SR Datasheet HTML 3Page - ON Semiconductor P2010AF-08SR Datasheet HTML 4Page - ON Semiconductor P2010AF-08SR Datasheet HTML 5Page - ON Semiconductor P2010AF-08SR Datasheet HTML 6Page - ON Semiconductor P2010AF-08SR Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P2010A
http://onsemi.com
2
Figure 1. Block Diagram
Crystal
Oscillator
XOUT
XIN
ModOUT
FS0
Output
Divider
PLL
VDD
VCO
Loop
Filter
SR1
SSON
VSS
Modulation
Feedback
Divider
Frequency
Divider
Phase
Detector
Table 1. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
−0.5 to +7
V
TSTG
Storage temperature
−65 to +125
°C
TA
Operating temperature
−40 to +85
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22− A114−B)
2
KV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 2. DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input Low Voltage
GND
0.8
V
VIH
Input High Voltage
2.0
VDD+0.3
V
IIL
Input Low Current (pull−up resistor on inputs SR0, FS0)
−35
mA
IIH
Input High Current (pull−down resistor on input SSON)
35
mA
IXOL
XOUT Output Low Current (@ 0.4 V, VDD = 3.3 V)
3
mA
IXOH
XOUT Output High Current (@ 2.5 V, VDD = 3.3 V)
3
mA
VOL
Output Low Voltage (VDD = 3.3 V, IOL = 20 mA)
0.4
V
VOH
Output High Voltage (VDD = 3.3 V, IOH = 20 mA)
2.5
V
IDD
Static Supply Current
0.6
mA
ICC
Dynamic Supply Current (3.3 V and 15 pF loading)
4
6
8
mA
VDD
Operating Voltage
2.7
3.3
5.5
V
tON
Power Up Time (First locked clock cycle after power up)
0.18
mS
ZOUT
Clock Output Impedance
50
W


Similar Part No. - P2010AF-08SR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2010AF-08SR PULSECORE-P2010AF-08SR Datasheet
164Kb / 8P
   Low Frequency EMI Reduction IC
More results

Similar Description - P2010AF-08SR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2010A ALSC-P2010A Datasheet
457Kb / 9P
   Low Frequency EMI Reduction IC
logo
PulseCore Semiconductor
P2005A PULSECORE-P2005A Datasheet
347Kb / 8P
   Low Frequency EMI Reduction IC
logo
Alliance Semiconductor ...
P2005A ALSC-P2005A Datasheet
459Kb / 10P
   Low Frequency EMI Reduction IC
logo
PulseCore Semiconductor
P2010A PULSECORE-P2010A Datasheet
164Kb / 8P
   Low Frequency EMI Reduction IC
logo
ON Semiconductor
P2005A ONSEMI-P2005A Datasheet
128Kb / 7P
   A Low Frequency EMI Reduction IC
August, 2011 ??Rev. P3
ASM3P622S00B ONSEMI-ASM3P622S00B Datasheet
177Kb / 13P
   Low Frequency Peak EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P2560B PULSECORE-P2560B Datasheet
328Kb / 8P
   Low Frequency EMI Reduction
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P2560B ONSEMI-P2560B Datasheet
108Kb / 6P
   Low Frequency EMI Reduction
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
ASM3X2105A ALSC-ASM3X2105A Datasheet
455Kb / 10P
   Low Frequency EMI Reduction
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com