Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2811A Datasheet(PDF) 1 Page - ON Semiconductor

Part # P2811A
Description  Low Power EMI Reduction IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P2811A Datasheet(HTML) 1 Page - ON Semiconductor

  P2811A Datasheet HTML 1Page - ON Semiconductor P2811A Datasheet HTML 2Page - ON Semiconductor P2811A Datasheet HTML 3Page - ON Semiconductor P2811A Datasheet HTML 4Page - ON Semiconductor P2811A Datasheet HTML 5Page - ON Semiconductor P2811A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P2811A/B and P2812A/B and P2814A/B
Low Power EMI Reduction IC
©2010 SCILLC. All rights reserved.
Publication Order Number:
JUNE 2011 – Rev. 2
P2811/D
Features
• FCC approved method of EMI attenuation
• Provides up to 15dB EMI reduction
• Generates a 1x, 2x and 4x low EMI spread spectrum
clock of the input frequency
o
1x: P2811A/B
o
2x: P2812A/B
o
4x: P2814A/B
• Optimized for input frequency range from 10MHz to
40MHz
• Internal loop filter minimizes external components
and board space
• Selectable spread options:
o
Down Spread and Center Spread
• 8 frequency deviation selections:
o
±0.625% to -3.5%
• Low inherent Cycle-to-Cycle Jitter
• 3.3V Operating Voltage
• CMOS/TTL compatible inputs and outputs.
• Pin-out compatible with Cypress CY25811, CY25812
and CY25814
Available in 8-pin SOIC Package
Product Description
The P28XX devices are versatile spread spectrum
frequency modulators designed specifically for a wide
range of input clock frequencies from 10MHz to 40MHz.
Refer to Input/output Frequency Range Selection Table.
The P28XX can generate an EMI reduced clock from
crystal, ceramic resonator, or system clock. The P28XX-A
and the P28XX-B offer various
combinations
of
spread
options
and
percentage
deviations. Refer to Frequency Deviation and Spread
Selection Table. These combinations include Down and
Center Spread, and percentage deviation range from
±0.625% to -3.5%.
The P28XX reduces electromagnetic interference (EMI)
at the clock source, allowing system wide reduction of
EMI of downstream clock and data dependent signals.
The P28XX allows significant system cost savings by
reducing the number of circuit board layers, ferrite beads,
shielding, and other passive components that are
traditionally required to pass EMI regulations.
The P28XX modulates the output of a single PLL in order
to “spread” the bandwidth of a synthesized clock, and
more importantly, decreases the peak amplitudes of its
harmonics. This results in significantly lower system EMI
compared to the typical narrow band signal produced by
oscillators and most frequency generators. Lowering EMI
by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation’.
The P28XX uses the most efficient and optimized
modulation
profile
approved
by
the
FCC
and
is
implemented in a proprietary all-digital method.
Applications
The P28XX is targeted towards EMI management for
memory and LVDS interfaces in mobile graphic chipsets
and high-speed digital applications such as PC peripheral
devices, consumer electronics, and embedded controller
systems.


Similar Part No. - P2811A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2811A-08SR ALSC-P2811A-08SR Datasheet
382Kb / 8P
   Low-Power EMI Reduction IC
P2811A-08ST ALSC-P2811A-08ST Datasheet
382Kb / 8P
   Low-Power EMI Reduction IC
P2811A-08TR ALSC-P2811A-08TR Datasheet
382Kb / 8P
   Low-Power EMI Reduction IC
P2811A-08TT ALSC-P2811A-08TT Datasheet
382Kb / 8P
   Low-Power EMI Reduction IC
P2811AF-08SR ALSC-P2811AF-08SR Datasheet
382Kb / 8P
   Low-Power EMI Reduction IC
More results

Similar Description - P2811A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
   Low Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
   Low Power EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
   Low Power EMI Reduction IC
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
   Low Power EMI Reduction IC
logo
Alliance Semiconductor ...
P2811 ALSC-P2811 Datasheet
382Kb / 8P
   Low-Power EMI Reduction IC
ASM3P2811A ALSC-ASM3P2811A Datasheet
159Kb / 8P
   Low Power EMI Reduction IC
ASM3P5821A ALSC-ASM3P5821A Datasheet
173Kb / 7P
   Low Power EMI Reduction IC
ASM3P2109A ALSC-ASM3P2109A Datasheet
160Kb / 7P
   Low Power EMI Reduction IC
logo
PulseCore Semiconductor
PCS3P2537A PULSECORE-PCS3P2537A Datasheet
278Kb / 7P
   Low Power Peak EMI Reduction IC
logo
Alliance Semiconductor ...
P2010A ALSC-P2010A Datasheet
457Kb / 9P
   Low Frequency EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com