Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJ88C33MA Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # NJ88C33MA
Description  Frequency Synthesiser (I2C BUS Programmable)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

NJ88C33MA Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button NJ88C33MA Datasheet HTML 3Page - Mitel Networks Corporation NJ88C33MA Datasheet HTML 4Page - Mitel Networks Corporation NJ88C33MA Datasheet HTML 5Page - Mitel Networks Corporation NJ88C33MA Datasheet HTML 6Page - Mitel Networks Corporation NJ88C33MA Datasheet HTML 7Page - Mitel Networks Corporation NJ88C33MA Datasheet HTML 8Page - Mitel Networks Corporation NJ88C33MA Datasheet HTML 9Page - Mitel Networks Corporation NJ88C33MA Datasheet HTML 10Page - Mitel Networks Corporation NJ88C33MA Datasheet HTML 11Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NJ88C33
8
APPLICATION CIRCUITS
Single Modulus
In this mode, the NJ88C33 synthesiser can be used with
or without a fixed modulus prescaler. The R counter is
programmed with a value to produce a comparison frequency
fc. When the N counter is changed by 1 the loop is no longer
in lock and the phase detector output produces current pulses
to bring the loop back into lock. These pulses are integrated by
the loop fiiter to produce the VCO voltage drive. When the
VCO loop is locked, Fl/N=f
C i.e., the VCO frequency is N x fC.
Using a prescaler with a division ratio P, the smallest VCO
output frequency step is Pf
C and the VCO frequency is PNfC.
If a low pass filter is connected to the lock detect output as
shown and sampled by the microprocessor, the proximity of
the synthesiser loop to lock can be evaluated.
The A counter is not used in this mode.
Fig. 7 Single modulus application
Fig. 8 Dual modulus application
Dual Modulus
This mode allows much higher frequencies to be used in
conjunction with a prescaler but maintains the step size, fc. In
this mode, a dual modulus prescaler (with ratios P and P + 1)
must be used with the NJ88C33. The A counter controls the
MOD output, which is used to select the division ratio of the
prescaler.
When the A counter is non-zero, the MOD output is low and
goes high when the A counter has counted down to zero.
MOD remains high until the N counter reaches zero, when
both counters are re-loaded. Thus, the prescaler divides by P
for N-A cycles and by P + 1 for A cycles of Fl. The VCO
frequency is given by PNf
C + AfC.
Note that programming A = 0 produces a count of 128 cycles.


Similar Part No. - NJ88C33MA

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
NJ88C33MADP ZARLINK-NJ88C33MADP Datasheet
456Kb / 14P
   Frequency Synthesiser (I2C BUS Programmable)
NJ88C33MAMP ZARLINK-NJ88C33MAMP Datasheet
456Kb / 14P
   Frequency Synthesiser (I2C BUS Programmable)
More results

Similar Description - NJ88C33MA

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
   Frequency Synthesiser (I2C BUS Programmable)
logo
Mitel Networks Corporat...
SP5769 MITEL-SP5769 Datasheet
223Kb / 11P
   3GHz I2C Bus Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
   2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
   Bidirectional I2C Bus Controlled Synthesiser
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
   2.7GHz I2C Bus Controlled Synthesiser
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
   Bidirectional I2C Bus 4-Address Synthesiser
logo
Mitel Networks Corporat...
SP5502 MITEL-SP5502 Datasheet
250Kb / 8P
   1.3GHz I2C BUS 4-Address Synthesiser
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com