Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJ88C50IG Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # NJ88C50IG
Description  Dual Low Power Frequency Synthesiser
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

NJ88C50IG Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button NJ88C50IG Datasheet HTML 2Page - Mitel Networks Corporation NJ88C50IG Datasheet HTML 3Page - Mitel Networks Corporation NJ88C50IG Datasheet HTML 4Page - Mitel Networks Corporation NJ88C50IG Datasheet HTML 5Page - Mitel Networks Corporation NJ88C50IG Datasheet HTML 6Page - Mitel Networks Corporation NJ88C50IG Datasheet HTML 7Page - Mitel Networks Corporation NJ88C50IG Datasheet HTML 8Page - Mitel Networks Corporation NJ88C50IG Datasheet HTML 9Page - Mitel Networks Corporation NJ88C50IG Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
NJ88C50
6
However the alternation between the N and N+1 values
causes a ripple in the output frequency. This ripple is not
desirable in radio frequency synthesisers. This ripple or jitter
waveform is predictable from the pattern of N and N+1 values
and so can be cancelled.
The instantaneous accumulator value, A, is proportional to
the cumulative frequency error caused by ignoring the
fractional part during the periods of the divide by N. The
accumulator value, A, may therefore be used to generate a
waveform corresponding to the jitter waveform, that is then
used to cancel the jitter out of the phase detector. This jitter
compensation current pulse is equal to A.Icomp where Icomp
represents the step size as A is incremented.
Corresponding to the two alternative values of Iprop,
Iprop(0) and Iprop(1), Icomp will take the values Icomp(0) and
Icomp(1). Icomp is always pull-up, and the magnitude of its
steps for perfect jitter compensation are related to the value
of Iprop by the factors
0 , 1/Q.Ntot , 2/Q.Ntot , 3/Q.Ntot ........ Q-1/Q.Ntot
where Q = accumulator modulus in use (5 or 8)
Since
Iprop(0) = CN.Ibo
and CN is an approximation to Ntot apart from a scaling factor,
the value of Icomp(0) required becomes independent of Ntot
and its steps are
0 , 1/Q , 2/Q , 3/Q ........ Q-1/Q times Ibo.(scaling factor)
where scaling factor = Max. value of CN to be used
Corresponding max. value of Ntot
therefore
Ico = 1 x CN(max)
x Ibo
Q
Ntot(max)
and
Icomp(0) = A.Ico
where Ico is scaled from the external current setting resistor
RSC.
Ico = Irsc/128.
Typically Ntot(max) might be 10000, with CN(max)=250
and Q=8, so the current step will be of magnitude Ibo/320.
Since Ibo is only 1 uA, this is a very small value; however this
value only applies if Icomp is a continuous current. Icomp
however will be a short current pulse coincident with the Iprop
pulse, in order to cancel jitter components over the widest
possible frequency range.
When the duty factor of Icomp is taken into account, its pulse
value may be increased accordingly. Icomp is therefore
generated as a pulse of fixed width equal to two periods of the
input reference clock frequency, with a timing that straddles
the active edge of the reference divider output pulse supplied
to the main phase detector, as shown below: (Fig 6).
Since the duty factor of Icomp is 2/M and depends on the
value of M programmed, it is possible to set the peak pulse
value of Icomp(0) by means of the external current setting
resistor RSC to correspond with the value of M intended, the
value of ‘scaling factor’ defined above, the accumulator
modulus Q and the value of Ibo set by the other current setting
resistor.
therefore
Ico = 1 x Nmax
x M x Ibo
Q
Ntot(max)
2
This gives a typical value for Ico of 0.1µA.
The two values of Icomp, Icomp(0) and Icomp(1) are related
by
Icomp(1) = 2L+1 .Icomp(0)
Icomp(0) occuring when the strobe line is low and Icomp(1)
occuring when the strobe line is high loading either WORDA
or WORDA2 (see programming section, page 8 and 9) .
Corresponding to the pull-up pulse Icomp(1) that is added
to the proportional charge pump pulse Iprop(1), there is also
a pull-up current pulse Icomp2 which is added to the integral
charge pump pulse Iint. This pulse Icomp2 only applies when
the stobe line is high (loading either WORDA or WORDA2).
When the strobe line is low there will be no Iint or Icomp2
pulses. The value of Icomp2 is given by
Icomp2 = Icomp(1).K
where K is a four bit number entered as part of the serial
programming data.
Fig.6


Similar Part No. - NJ88C50IG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
NJ88C50 ZARLINK-NJ88C50 Datasheet
523Kb / 17P
   Dual Low Power Frequency Synthesiser
NJ88C50/MA/NP ZARLINK-NJ88C50/MA/NP Datasheet
523Kb / 17P
   Dual Low Power Frequency Synthesiser
NJ88C50MA ZARLINK-NJ88C50MA Datasheet
523Kb / 17P
   Dual Low Power Frequency Synthesiser
NJ88C50NP ZARLINK-NJ88C50NP Datasheet
523Kb / 17P
   Dual Low Power Frequency Synthesiser
More results

Similar Description - NJ88C50IG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
NJ88C50 ZARLINK-NJ88C50 Datasheet
523Kb / 17P
   Dual Low Power Frequency Synthesiser
logo
Mitel Networks Corporat...
SP8861 MITEL-SP8861 Datasheet
200Kb / 13P
   1쨌3GHz Low Power Single-Chip Frequency Synthesiser
logo
Zarlink Semiconductor I...
SP8861 ZARLINK-SP8861 Datasheet
282Kb / 15P
   1쨌3GHz Low Power Single-Chip Frequency Synthesiser
WL800 ZARLINK-WL800 Datasheet
573Kb / 12P
   2.5GHz Frequency Synthesiser
logo
Mitel Networks Corporat...
SP5730 MITEL-SP5730 Datasheet
372Kb / 14P
   1.3GHz Low Phase Noise Frequency Synthesiser
WL800 MITEL-WL800 Datasheet
150Kb / 11P
   2.5GHz Frequency Synthesiser
logo
Zarlink Semiconductor I...
NJ8820 ZARLINK-NJ8820 Datasheet
493Kb / 11P
   FREQUENCY SYNTHESISER (PROM INTERFACE)
SP5730 ZARLINK-SP5730 Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
SP5768 ZARLINK-SP5768 Datasheet
104Kb / 10P
   3.0 GHz Low Phase Noise Frequency Synthesiser
logo
Mitel Networks Corporat...
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
   Frequency Synthesiser (I2C BUS Programmable)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com