Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJ88C33MADP Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # NJ88C33MADP
Description  Frequency Synthesiser (I2C BUS Programmable)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

NJ88C33MADP Datasheet(HTML) 1 Page - Mitel Networks Corporation

  NJ88C33MADP Datasheet HTML 1Page - Mitel Networks Corporation NJ88C33MADP Datasheet HTML 2Page - Mitel Networks Corporation NJ88C33MADP Datasheet HTML 3Page - Mitel Networks Corporation NJ88C33MADP Datasheet HTML 4Page - Mitel Networks Corporation NJ88C33MADP Datasheet HTML 5Page - Mitel Networks Corporation NJ88C33MADP Datasheet HTML 6Page - Mitel Networks Corporation NJ88C33MADP Datasheet HTML 7Page - Mitel Networks Corporation NJ88C33MADP Datasheet HTML 8Page - Mitel Networks Corporation NJ88C33MADP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DS2429 - 3.2 September 1994
NJ88C33
Frequency Synthesiser (I2C BUS Programmable)
Advance Information
Fig.2 Simplified block diagram of NJ88C33
The NJ88C33 is a synthesiser circuit fabricated on Mitel
Semiconductor's 1.4 micron CMOS process, assuring very
high performance. It is I2C compatible and can also be
programmed at up to 5MHz. It contains a 16-bit R counter, a
12-bit N counter and a 7-bit A counter.
A digital phase comparator gives improved loop stability
with current source outputs to reduce loop components. A
voltage doubler is provided for the loop driver to improve
control voltage range to the VCO when operating at low supply
voltages.
FEATURES
s
Easy to Use
s
Low Power Consumption (15mW)
s
Single Supply 2.5V to 5.5V
s
Digital Phase Comparator with Current Source
Outputs
s
Serial (I2C Compatible) Programming, 5MHz max
s
Channel Loading in 8µs
s
150MHz Input Frequency Without Prescaler at 4.5V
(52MHz at 2.7V)
s
Standby Modes
s
Use of Two-Modulus Prescaler is Possible
APPLICATIONS
s
Cordless Telephones (CT2, DECT)
s
Cellular Telephones (GSM, PCN, ETACS)
s
Hand Held Marine Radios
s
Sonarbuoys
s
Video Clock generators
ABSOLUTE MAXIMUM RATINGS
Supply voltage, V
DD
-0.3V to 7V
Input voltage, V
IM1
-0.3 to V
DD +0.3V
Output voltage on pin 13, V
IM2
-V
DD to 0V
Storage temperature, T
stg
-55°C to +125°C
ORDERING INFORMATION
NJ88C33 MA DP (Industrial - Plastic DIL package)
NJ88C33 MA MP (Industrial - Miniature Plastic DIL package)
Fig.1 Pin connections (not to scale) - top views
MP14
DP14


Similar Part No. - NJ88C33MADP

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
NJ88C33MADP ZARLINK-NJ88C33MADP Datasheet
456Kb / 14P
   Frequency Synthesiser (I2C BUS Programmable)
More results

Similar Description - NJ88C33MADP

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
   Frequency Synthesiser (I2C BUS Programmable)
logo
Mitel Networks Corporat...
SP5769 MITEL-SP5769 Datasheet
223Kb / 11P
   3GHz I2C Bus Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
   2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
   Bidirectional I2C Bus Controlled Synthesiser
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
   2.7GHz I2C Bus Controlled Synthesiser
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
   Bidirectional I2C Bus 4-Address Synthesiser
logo
Mitel Networks Corporat...
SP5502 MITEL-SP5502 Datasheet
250Kb / 8P
   1.3GHz I2C BUS 4-Address Synthesiser
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com