Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT3080C-E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VT3080C-E3
Description  Dual Trench MOS Barrier Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT3080C-E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  VT3080C-E3_15 Datasheet HTML 1Page - Vishay Siliconix VT3080C-E3_15 Datasheet HTML 2Page - Vishay Siliconix VT3080C-E3_15 Datasheet HTML 3Page - Vishay Siliconix VT3080C-E3_15 Datasheet HTML 4Page - Vishay Siliconix VT3080C-E3_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VT3080C-E3, VFT3080C-E3, VBT3080C-E3, VIT3080C-E3
www.vishay.com
Vishay General Semiconductor
Revision: 22-Dec-14
4
Document Number: 89168
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AB
0.113 (2.87)
0.103 (2.62)
0.370 (9.40)
0.360 (9.14)
0.415 (10.54) MAX.
0.635 (16.13)
0.625 (15.87)
PIN
0.160 (4.06)
0.140 (3.56)
0.057 (1.45)
0.045 (1.14)
0.105 (2.67)
0.095 (2.41)
0.104 (2.65)
0.096 (2.45)
0.205 (5.20)
0.195 (4.95)
0.035 (0.90)
0.028 (0.70)
0.154 (3.91)
0.148 (3.74)
1
3
2
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
1.148 (29.16)
1.118 (28.40)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
0.603 (15.32)
0.573 (14.55)
ITO-220AB
0.076 (1.93) REF.
45° REF.
PIN
3
2
1
0.404 (10.26)
0.384 (9.75)
0.076 (1.93) REF.
0.600 (15.24)
0.580 (14.73)
0.560 (14.22)
0.530 (13.46)
0.057 (1.45)
0.045 (1.14)
0.057 (1.45)
0.045 (1.14)
0.191 (4.85)
0.171 (4.35)
0.671 (17.04)
0.651 (16.54)
0.035 (0.89)
0.025 (0.64)
0.205 (5.21)
0.195 (4.95)
0.025 (0.64)
0.015 (0.38)
0.105 (2.67)
0.095 (2.41)
0.028 (0.71)
0.020 (0.51)
0.110 (2.79)
0.100 (2.54)
7° REF.
0.135 (3.43) DIA.
0.122 (3.08) DIA.
0.110 (2.79)
0.100 (2.54)
0.190 (4.83)
0.170 (4.32)
7° REF.
7° REF.
0.140 (3.56) DIA.
0.125 (3.17) DIA.
0.350 (8.89)
0.330 (8.38)
TO-262AA
0.401 (10.19)
0.381 (9.68)
0.185 (4.70)
0.175 (4.44)
0.055 (1.40)
0.045 (1.14)
0.110 (2.79)
0.100 (2.54)
0.350 (8.89)
0.330 (8.38)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.35)
K
12
3
0.055 (1.40)
0.047 (1.19)
0.510 (12.95)
0.470 (11.94)
PIN
0.411 (10.45) MAX.
0.250 (6.35) MIN.
30° (TYP.)
(REF.)
0.035 (0.90)
0.028 (0.70)
0.205 (5.20)
0.195 (4.95)
0.104 (2.65)
0.096 (2.45)
0.057 (1.45)
0.045 (1.14)
0.160 (4.06)
0.140 (3.56)
0.950 (24.13)
0.920 (23.37)
TO-263AB
Mounting Pad Layout
0.670 (17.02)
0.591 (15.00)
0.105 (2.67)
0.095 (2.41)
0.08 (2.032) MIN.
0.15 (3.81) MIN.
0.33 (8.38) MIN.
0.42 (10.66) MIN.
12
K
K
0.140 (3.56)
0.110 (2.79)
0.021 (0.53)
0.014 (0.36)
0.110 (2.79)
0.090 (2.29)
0 to 0.01 (0 to 0.254)
0.055 (1.40)
0.047 (1.19)
0.055 (1.40)
0.045 (1.14)
0.190 (4.83)
0.160 (4.06)
0.205 (5.20)
0.195 (4.95)
0.624 (15.85)
0.591 (15.00)
0.037 (0.940)
0.027 (0.686)
0.105 (2.67)
0.095 (2.41)
0.360 (9.14)
0.320 (8.13)
0.411 (10.45)
0.380 (9.65)
0.245 (6.22)
MIN.


Similar Part No. - VT3080C-E3_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT3080C-E3/4W VISHAY-VT3080C-E3/4W Datasheet
148Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 08-Sep-09
VT3080C-E3 VISHAY-VT3080C-E3_V01 Datasheet
207Kb / 6P
   Dual Trench MOS Barrier Schottky Rectifier
01-Jan-2022
More results

Similar Description - VT3080C-E3_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V20WM100C-M3 VISHAY-V20WM100C-M3 Datasheet
121Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
V15W60C-M3 VISHAY-V15W60C-M3 Datasheet
123Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
V12W60C-M3 VISHAY-V12W60C-M3 Datasheet
123Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
VT3080C VISHAY-VT3080C Datasheet
131Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
VBT4060C VISHAY-VBT4060C Datasheet
81Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 07-Dec-10
VFT4060C VISHAY-VFT4060C Datasheet
79Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 07-Dec-10
V30DL50C-M3 VISHAY-V30DL50C-M3 Datasheet
128Kb / 6P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 13-Dec-13
V15WL45C-M3 VISHAY-V15WL45C-M3_15 Datasheet
115Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
logo
Unisonic Technologies
TGBR30L45C UTC-TGBR30L45C Datasheet
153Kb / 3P
   DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
TGBR30U100C UTC-TGBR30U100C Datasheet
132Kb / 3P
   DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
V30D60CL VISHAY-V30D60CL_15 Datasheet
120Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 06-May-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com