Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSP16330 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # PDSP16330
Description  Pythagoras Processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16330 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  PDSP16330 Datasheet HTML 1Page - Mitel Networks Corporation PDSP16330 Datasheet HTML 2Page - Mitel Networks Corporation PDSP16330 Datasheet HTML 3Page - Mitel Networks Corporation PDSP16330 Datasheet HTML 4Page - Mitel Networks Corporation PDSP16330 Datasheet HTML 5Page - Mitel Networks Corporation PDSP16330 Datasheet HTML 6Page - Mitel Networks Corporation PDSP16330 Datasheet HTML 7Page - Mitel Networks Corporation PDSP16330 Datasheet HTML 8Page - Mitel Networks Corporation PDSP16330 Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PDSP16330/A/B
4
*
*
*
*
*
*
*
*
Sub-
group
1,2,3
1,2,3
1,2,3
1,2,3
1,2,3
1,2,3
1,2,3
1,2,3
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated): T
amb
(Commercial) = 0
°C to + 70°C, T
amb
(Industrial) = -40
°C to + 85°C
V
cc
(Commercial) = 5.0V + 5%, V
cc
(Industrial and Military) = 5.0V + 1%, GND = 0V
STATIC CHARACTERISTICS
Value
Characteristic
Symbol
Units
Conditions
Min.
Typ.
Max.
Output high voltage
V
OH
2.4
V
IOH = 3.2mA
Output low voltage
V
OL
0.6
V
lOL=-3.2mA
Input high voltage (CMOS)
V
IH
3.0
V
Inputs
CEX, CEY and CLK only
Input low voltage (CMOS)
V
IL
1.0
V
Inputs
CEX, CEY and CLK only
Input high voltage (TTL)
V
IH
2.2
V
All other inputs
Input low voltage (TTL)
V
IL
0.8
V
All other inputs
Input leakage current (Note 1 ) I
IL
-10
+ 120
µA
GND < V
IN<VCC
Input capacitance
C
IN
10
pF
Output leakage current
l
oz
-50
+ 50
µA
GND <V
IN < VCC
Output SC current
I
OS
-50
230
mA
V
cc = Max
NOTES
1. All inputs except clock inputs have high value pull-down resistors
2. All parameters marked * are tested during production. Parameters marked † are guaranteed by design and characterisa-
tion.
Pin No.
AC
F3
G3
G1
G2
F1
H1
H2
J1
K1
J2
L1
K2
K3
L2
L3
K4
L4
J5
K5
L5
K6
J6
J7
L7
K7
L6
L8
K8
Function
M7
M6
M5
M4
M3
M2
M1
M0
S0
S1
GND
Vcc
FORM
Y15
Y14
Y13
Y12
Y11
Y10
Y9
Y8
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Pin No.
AC
L9
L10
K9
L11
K10
J10
K11
J11
H10
H11
F10
G10
G11
G9
F9
F11
E11
E10
E9
D11
D10
C11
B11
C10
A11
B10
B9
A10
Function
YO
CEY
CLK
Vcc
GND
GND
GND
GND
GND
GND
GND
OEP
P0
P1
P2
P3
P4
P5
P6
P7
P8
P9
P10
P11
GND
Vcc
CEX
X0
Pin No.
AC
A9
B8
A8
B6
B7
A7
C7
C6
A6
A5
B5
C5
A4
B4
A3
A2
B3
A1
B2
C2
B1
C1
D2
D1
E3
E2
E1
F2
Function
X1
X2
X3
X4
X5
X6
X7
X8
X9
X10
X11
X12
X13
X14
X15
CLK
OVR
Vcc
GND
OEM
M15
M14
M13
M12
M11
M10
M9
M8
PIN FUNCTION
GC
91
92
93
94
95
96
97
98
99
100
1
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
GC
23
24
25
26
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
57
58
GC
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
81
82
83
84
85
86
87
88
89
90


Similar Part No. - PDSP16330

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16330 MITEL-PDSP16330 Datasheet
150Kb / 12P
   Pythagoras Processor
logo
Zarlink Semiconductor I...
PDSP16330 ZARLINK-PDSP16330 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
PDSP16330 ZARLINK-PDSP16330 Datasheet
121Kb / 16P
   ALU and Barrel Shifter
PDSP16330 ZARLINK-PDSP16330 Datasheet
149Kb / 18P
   16 by 16 Bit Complex Multiplier
PDSP16330 ZARLINK-PDSP16330 Datasheet
91Kb / 7P
   Complex Accumulator
More results

Similar Description - PDSP16330

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
PDSP16330MC ZARLINK-PDSP16330MC Datasheet
89Kb / 8P
   Pythagoras Processor
PDSP16330 ZARLINK-PDSP16330 Datasheet
98Kb / 7P
   Pythagoras Processor
logo
Mitel Networks Corporat...
PDSP16330MC MITEL-PDSP16330MC Datasheet
123Kb / 10P
   Pythagoras Processor
DS3884 MITEL-DS3884 Datasheet
150Kb / 12P
   Pythagoras Processor
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
   Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
New Japan Radio
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
   Teletext Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com