Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QP1S Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # QP1S
Description  CDMA/AMPS dual Band IF Receiver for Digital Phones
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

QP1S Datasheet(HTML) 5 Page - Mitel Networks Corporation

  QP1S Datasheet HTML 1Page - Mitel Networks Corporation QP1S Datasheet HTML 2Page - Mitel Networks Corporation QP1S Datasheet HTML 3Page - Mitel Networks Corporation QP1S Datasheet HTML 4Page - Mitel Networks Corporation QP1S Datasheet HTML 5Page - Mitel Networks Corporation QP1S Datasheet HTML 6Page - Mitel Networks Corporation QP1S Datasheet HTML 7Page - Mitel Networks Corporation QP1S Datasheet HTML 8Page - Mitel Networks Corporation QP1S Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Preliminary Information
SATURN
Electrical Characteristics (AC specifications) Continued
Tamb= 30°C to +70°C, Vcc = +2.7 to +3.6. These characteristics are guaranteed by either production test or design.
They apply within the specified ambient temperature and supply voltage unless otherwise stated.
Frequency = 210.38MHz
Characteristic
Value
Units
Conditions
Min
Typ
Max
CDMA AGC
Max Voltage Gain to demodulator
48
50
dB
To demodulator outputs
output
Min Voltage Gain to demodulator
-55
-47
dB
To demodulator
output
Max Voltage Gain to IF buffer output
42
-43
dB
IF AGC only mode
Min voltage Gain to IF buffer output
-51
-49
dB
IF AGC only mode
AGC control Max
2.6
V
Gain = Gain max
AGC control Min
0.1
V
Gain = Gain min
Gain slope
40
dB/V
Gain slope linearity
6
90
dB/V
Over gain control range
Gain temperature stability
-2
2
dB
Channel gain variation
-0.1
0.1
dB
Within channel bandwidth
@ 210.38MHz
NF
Gainmax
5.5
6.5
dB
Rs (500
Ω)
Input V1dB
Gainmin
110
dB
µV Minimum gain
104
dB
µV Power (500Ω)
IIP3
Gainmin
114
120
dB
µV Minimum gain
Input impedance
500
With addition of external
resistor across IF inputs
IF Frequency
50
250
MHz
CDMA to Amps isolation
30
dB


Similar Part No. - QP1S

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
QP1S MITEL-QP1S Datasheet
181Kb / 17P
   Full Band Satellite Tuner
More results

Similar Description - QP1S

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
VENUS-L MITEL-VENUS-L Datasheet
86Kb / 7P
   CDMA/AMPS Dual Band RF Receiver
logo
Zarlink Semiconductor I...
MGCR01 ZARLINK-MGCR01 Datasheet
320Kb / 12P
   Dual Mode IF Receiver for TDMA/AMPS and CDMA/AMPS
VENUS-L ZARLINK-VENUS-L Datasheet
291Kb / 8P
   CDMA/AMPS Dual Band and RF Receiver
logo
NXP Semiconductors
SA9502 PHILIPS-SA9502 Datasheet
256Kb / 26P
   Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
logo
Siemens Semiconductor G...
CGY0819 SIEMENS-CGY0819 Datasheet
304Kb / 18P
   GaAs MMIC (Tri mode power amplifier for AMPS/ CDMA /TDMA portable cellular phones Dual band operation)
logo
NXP Semiconductors
SA9500 PHILIPS-SA9500 Datasheet
150Kb / 22P
   Dual-band, CDMA/AMPS downconverter IC
1998 Aug 11
logo
Samsung semiconductor
S1M8656A SAMSUNG-S1M8656A Datasheet
264Kb / 26P
   CDMA/AMPS Dual Mode IF/ baseband IC
logo
Rohm
BH4128FV ROHM-BH4128FV Datasheet
106Kb / 8P
   Second Mixer IF for digital cellular phones
logo
ATMEL Corporation
TO353 ATMEL-TO353 Datasheet
213Kb / 11P
   2.8 V Tri-band/ Quad-mode RF Receiver for CDMA/AMPS/ GPS
logo
Sony Corporation
CXA3329ER SONY-CXA3329ER Datasheet
126Kb / 14P
   Analog Signal Processor TX-IF IC for W-CDMA Cellular Phones
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com