Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP112AQDRLRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112AQDRLRQ1
Description  TMP112-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112AQDRLRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP112AQDRLRQ1 Datasheet HTML 4Page - Texas Instruments TMP112AQDRLRQ1 Datasheet HTML 5Page - Texas Instruments TMP112AQDRLRQ1 Datasheet HTML 6Page - Texas Instruments TMP112AQDRLRQ1 Datasheet HTML 7Page - Texas Instruments TMP112AQDRLRQ1 Datasheet HTML 8Page - Texas Instruments TMP112AQDRLRQ1 Datasheet HTML 9Page - Texas Instruments TMP112AQDRLRQ1 Datasheet HTML 10Page - Texas Instruments TMP112AQDRLRQ1 Datasheet HTML 11Page - Texas Instruments TMP112AQDRLRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Diode
temp.
sensor
Σ
ADC
Oscillator
Control
logic
Serial
interface
Config.
and temp.
register
TMP112-Q1
Temperature
SCL
1
3
6
4
ALERT
SDA
GND
2
5
V+
ADD0
TMP112-Q1
SLOS887D – SEPTEMBER 2014 – REVISED DECEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TMP112-Q1 device is a digital temperature sensor that is optimal for thermal-management and thermal-
protection applications. The TMP112-Q1 device is two-wire, SMBus and I2C interface-compatible. The device is
specified over an operating temperature range of –40°C to 125°C. Figure 8 shows a block diagram of the
TMP112-Q1 device. Figure 9 illustrates the ESD protection circuitry contained in the TMP112-Q1 device.
The temperature sensor in the TMP112-Q1 device is the chip itself. Thermal paths run through the package
leads as well as the plastic package. The package leads provide the primary thermal path because of the lower
thermal resistance of the metal.
An alternative version of the TMP112-Q1 device is available. The TMP102-Q1 device has reduced accuracy, the
same micro-package, and is pin-to-pin compatible.
Table 1. Advantages of TMP112-Q1 Versus TMP102-Q1
Supply
Supply
Specified
Compatible
Supply
Local Sensor Accuracy
Device
Package
Voltage
Voltage
Resolution
Calibration
Interfaces
Current
(Max)
(Min)
(Max)
Drift Slope
SOT563
12 Bit
0.5°C: (0°C to 65°C)
I2C
TMP112-Q1
10µA
1.4V
3.6V
Yes
1.2 × 1.6 × 0.6
0.0625°C
1°C: (-40°C to 125°C)
SMBus
SOT563
12 Bit
2°C: (25°C to 85°C)
I2C
TMP102-Q1
10µA
1.4V
3.6V
No
1.2 × 1.6 × 0.6
0.0625°C
3°C: (-40°C to 125°C)
SMBus
7.2 Functional Block Diagram
Figure 8. Internal Block Diagram
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TMP112-Q1


Similar Part No. - TMP112AQDRLRQ1

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
TMP112A UMW-TMP112A Datasheet
756Kb / 17P
   Temperature range: -55°C ~ 150°C
logo
Texas Instruments
TMP112A TI1-TMP112A Datasheet
1Mb / 47P
[Old version datasheet]   TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
FEBRUARY 2024
TMP112A/B/N TI1-TMP112A/B/N Datasheet
1Mb / 47P
[Old version datasheet]   TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
FEBRUARY 2024
TMP112AIDRLR TI-TMP112AIDRLR Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112AIDRLR TI-TMP112AIDRLR Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
More results

Similar Description - TMP112AQDRLRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
HDC3020-Q1 TI-HDC3020-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   HDC3020-Q1 Automotive High-Accuracy, Low-Power, Digital Humidity and Temperature Sensor With Ultra-Low Drift
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
TMP127-Q1 TI-TMP127-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   TMP127-Q1 High-Accuracy, Low-Power, Digital Temperature Sensor With 3-Wire, SPICompatible Interface
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com