Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP302DQDRLRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP302DQDRLRQ1
Description  TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP302DQDRLRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP302DQDRLRQ1 Datasheet HTML 7Page - Texas Instruments TMP302DQDRLRQ1 Datasheet HTML 8Page - Texas Instruments TMP302DQDRLRQ1 Datasheet HTML 9Page - Texas Instruments TMP302DQDRLRQ1 Datasheet HTML 10Page - Texas Instruments TMP302DQDRLRQ1 Datasheet HTML 11Page - Texas Instruments TMP302DQDRLRQ1 Datasheet HTML 12Page - Texas Instruments TMP302DQDRLRQ1 Datasheet HTML 13Page - Texas Instruments TMP302DQDRLRQ1 Datasheet HTML 14Page - Texas Instruments TMP302DQDRLRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TRIPSET0
TRIPSET1
GND
OUT
VS
HYSTSET
Heat Source
0.1 µF
VIA to Power Ground Plane
Ground Plane for
Thermal
Coupling to Heat
Source
Supply Voltage
Output
10 k
TMP302-Q1
www.ti.com
SLOS889B – OCTOBER 2014 – REVISED JULY 2015
10 Power Supply Recommendations
The TMP302-Q1 family of devices is designed to operate from a single power supply within the range 1.4 V and
3.6 V. No specific power supply sequencing with respect to any of the input or output pins is required. The
TMP302-Q1 family of devices is fully functional within 35 ms of the voltage at the VS pin reaching or exceeding
1.4 V.
11 Layout
11.1 Layout Guidelines
Place the power supply bypass capacitor as close as possible to the VS and GND pins. The recommended value
for this bypass capacitor is 0.1-µF. Additional bypass capacitance can be added to compensate for noisy or high-
impedance power supplies. Place a 10-k
Ω pullup resistor from the open drain OUT pin to the power supply pin
VS.
11.2 Layout Example
Figure 14. Layout Example
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMP302-Q1


Similar Part No. - TMP302DQDRLRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP302D TI-TMP302D Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302DDRLR TI-TMP302DDRLR Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302DDRLT TI-TMP302DDRLT Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
More results

Similar Description - TMP302DQDRLRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
[Old version datasheet]   TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP303 TI1-TMP303_17 Datasheet
1Mb / 22P
[Old version datasheet]   Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP112-Q1 TI1-TMP112-Q1 Datasheet
946Kb / 33P
[Old version datasheet]   TMP112-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
   Easy to Use Power Bank Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com