Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP435 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP435
Description  짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP435 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP435_15 Datasheet HTML 6Page - Texas Instruments TMP435_15 Datasheet HTML 7Page - Texas Instruments TMP435_15 Datasheet HTML 8Page - Texas Instruments TMP435_15 Datasheet HTML 9Page - Texas Instruments TMP435_15 Datasheet HTML 10Page - Texas Instruments TMP435_15 Datasheet HTML 11Page - Texas Instruments TMP435_15 Datasheet HTML 12Page - Texas Instruments TMP435_15 Datasheet HTML 13Page - Texas Instruments TMP435_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
C
(3)
DIFF
C
(3)
DIFF
R
(2)
S
R
(2)
S
R
(2)
S
R
(2)
S
Diode-connectedconfiguration :
(1)
SeriesResistance
Transistor-connectedconfiguration :
(1)
DXP
DXN
V+
1
10
9
4
5
3
2
SCL
SDA
THERM
+5V
SMBus
Controller
8
GND
ALERTTHERM2
/
7
6
TMP435
A1
A0
TMP435
SBOS495A – MARCH 2010 – REVISED APRIL 2010
www.ti.com
For data captured in the extended temperature range
Both local and remote temperature data use two
configuration, an offset of 64 (40h) is added to the
bytes for data storage. The high byte stores the
standard binary value, as shown in Table 1, Extended
temperature with 1°C resolution. The second or low
Binary
column.
This
configuration
allows
byte
stores
the
decimal
fraction
value
of
the
measurement of temperatures as low as –64°C, and
temperature
and
allows
a
higher
measurement
as
high
as
+191°C;
however,
most
resolution, as shown in Table 2.
temperature-sensing diodes only measure with the
The measurement resolution for both the local and
range of –55°C to +150°C.
remote
channels
is
0.0625°C,
and
cannot
be
Additionally, the TMP435 is rated only for ambient
adjusted.
local temperatures ranging from –40°C to +125°C.
Parameters in the Absolute Maximum Ratings table
must be observed.
(1)
Diode-connected configuration provides better settling time. Transistor-connected configuration provides better series
resistance cancellation.
(2)
RS (optional) should be < 1kΩ in most applications. Selection of RS depends on specific application; see Filtering
section.
(3)
CDIFF (optional) should be < 2200pF in most applications. Selection of CDIFF depends on specific application; see
Filtering section and Figure 9, Remote Temperature Error vs Differential Capacitance.
Figure 13. TMP435 Basic Connections
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TMP435


Similar Part No. - TMP435_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
More results

Similar Description - TMP435_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
956Kb / 40P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
TMP432 TI-TMP432_15 Datasheet
1Mb / 42P
[Old version datasheet]   짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP431 TI1-TMP431_15 Datasheet
1Mb / 42P
[Old version datasheet]   짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP441 TI1-TMP441_15 Datasheet
1Mb / 29P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation,Series-R, and h-Factor in a SOT23-8
TMP441 TI1-TMP441 Datasheet
764Kb / 28P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com