Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL6679KG Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # SL6679KG
Description  Direct Conversion FSK Data Receiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL6679KG Datasheet(HTML) 4 Page - Mitel Networks Corporation

  SL6679KG Datasheet HTML 1Page - Mitel Networks Corporation SL6679KG Datasheet HTML 2Page - Mitel Networks Corporation SL6679KG Datasheet HTML 3Page - Mitel Networks Corporation SL6679KG Datasheet HTML 4Page - Mitel Networks Corporation SL6679KG Datasheet HTML 5Page - Mitel Networks Corporation SL6679KG Datasheet HTML 6Page - Mitel Networks Corporation SL6679KG Datasheet HTML 7Page - Mitel Networks Corporation SL6679KG Datasheet HTML 8Page - Mitel Networks Corporation SL6679KG Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
SL6679
ELECTRICAL CHARACTERISTICS (1) (Cont.)
Electrical Characteristics (1) are guaranteed over the following range of operating conditions unless otherwise stated
T
AMB =
125
°C, V
CC1 = 1·3V, VCC2 = 2·7V
Characteristic
Value
Typ.
Min.
LO inputs (12, 14) driven in quadrature:
45mVrms at 450MHz, CW.
Mixer inputs (3, 5) driven differentially:
0·45mVrms at 450·004MHz, CW.
As gain to TPI
As gain toTPI
TPI, TPQ signals limiting
No signal applied
fC = fLO14·5kHz, CW
fC = fLO12·5kHz, CW
fC = fLO16·5kHz, CW
2400 baud
1200 baud
512 baud
Pin 26 logic high
Pin 26 logic low
Pin 26 logic tristate (open circuit)
VCC1
42
42
0
45
0·0
IAFC4k5
10·7
IAFC4k5
20·9
3·5
1·7
0·74
Conditions
Mixers
LO DC bias voltage
Gain to TPI
Gain to TPQ
Match of gain to TPI
and TPQ
Audio AGC
IAGC OP max. sink current
IAGC OP leakage current
AFC
AFC DC current, IAFC4k5
AFC DC current
AFC DC current
Bit Rate Filter Control
BRF CNT input logic high
BRF CNT input logic low
Tristate I/P current window
BRF 1 output current
BRF 1 output current
BRF 1 output current
BRF CNT input high current
BRF CNT input low current
Pin
12,14
3,5,8,12
3,5,14,
17
3,5,8,
12,14,17
30
30
19
19
19
26
26
26
27
27
27
26
26
38
38
21
IAFC4k5
10·2
VCC2
20·3
0
20·4
27·5
27·5
Max.
46
46
11
1
IAFC4k5
20·2
VCC2
0·1
10·4
115
17·5
V
dB
dB
dB
µA
µA
µA
µA
µA
V
V
µA
µA
µA
µA
µA
µA
Units


Similar Part No. - SL6679KG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL6600C ETC1-SL6600C Datasheet
175Kb / 4P
   LOW POWER IF/AF PLL CIRCUIT FOR NARROW BAND FM
SL6601C ETC1-SL6601C Datasheet
427Kb / 6P
   FM IF, PLL DETECTOR (DOUBLE CONVERSION) AND RF MIXER
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609AKG ZARLINK-SL6609AKG Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
More results

Similar Description - SL6679KG

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com