Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44651K Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44651K
Description  FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Curry Color
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44651K Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44651K Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44651K Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44651K Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Curry Color from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Curry Color PE44651K
URL: http://www.pasternack.com/fakra-plug-standard-thru-hole-pcb-connector-pe44651k-p.aspx
FAKRA Plug Right Angle Connector Solder
Attachment Thru Hole PCB, Curry Color
PE44651K
PE44651K REV 01


Similar Part No. - PE44651K

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44651A PASTERNACK-PE44651A Datasheet
291Kb / 3P
   FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Black Color
PE44651B PASTERNACK-PE44651B Datasheet
290Kb / 3P
   FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, White Color
PE44651C PASTERNACK-PE44651C Datasheet
223Kb / 3P
   FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Blue Color
PE44651D PASTERNACK-PE44651D Datasheet
223Kb / 3P
   FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Bordeaux Color
PE44651H PASTERNACK-PE44651H Datasheet
223Kb / 3P
   FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Violet Color
More results

Similar Description - PE44651K

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44649K PASTERNACK-PE44649K Datasheet
289Kb / 2P
   FAKRA Plug Connector Solder Attachment Thru Hole PCB, Curry Color
PE44650K PASTERNACK-PE44650K Datasheet
218Kb / 2P
   FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Curry Color
PE44651I PASTERNACK-PE44651I Datasheet
290Kb / 3P
   FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Beige Color
PE44651D PASTERNACK-PE44651D Datasheet
223Kb / 3P
   FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Bordeaux Color
PE44651B PASTERNACK-PE44651B Datasheet
290Kb / 3P
   FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, White Color
PE44651A PASTERNACK-PE44651A Datasheet
291Kb / 3P
   FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Black Color
PE44651H PASTERNACK-PE44651H Datasheet
223Kb / 3P
   FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Violet Color
PE44651C PASTERNACK-PE44651C Datasheet
223Kb / 3P
   FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Blue Color
PE44651Z PASTERNACK-PE44651Z Datasheet
291Kb / 3P
   FAKRA Plug Right Angle Connector Solder Attachment Thru Hole PCB, Water Blue Color
PE44649B PASTERNACK-PE44649B Datasheet
287Kb / 2P
   FAKRA Plug Connector Solder Attachment Thru Hole PCB, White Color
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com