Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP512AIDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP512AIDR
Description  Temperature and Power Supply System Monitors
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP512AIDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP512AIDR Datasheet HTML 5Page - Texas Instruments TMP512AIDR Datasheet HTML 6Page - Texas Instruments TMP512AIDR Datasheet HTML 7Page - Texas Instruments TMP512AIDR Datasheet HTML 8Page - Texas Instruments TMP512AIDR Datasheet HTML 9Page - Texas Instruments TMP512AIDR Datasheet HTML 10Page - Texas Instruments TMP512AIDR Datasheet HTML 11Page - Texas Instruments TMP512AIDR Datasheet HTML 12Page - Texas Instruments TMP512AIDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
20
15
10
5
0
-
5
-
10
-
15
-
20
-
0.4
-
0.3
-
0.2
-
0.1
0
0.1
0.2
0.3
InputVoltage(V)
0.4
-40 -25
0
25
50
75
100
Temperature ( C)
°
125
250
200
150
100
50
0
50
100
-
-
32V Range
16V Range
0
5
10
15
20
25
V
Voltage (V)
IN-
30
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
-
-
-
V+ = 5.5V
V+
5.5V
=
V+ = 3V
V+
3V
=
Current into V
IN-
Current into V
IN+
-40 -25
0
25
50
75
100
Temperature ( C)
°
125
V+ = 5.5V
V+ = 12V
V+ = 3V
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
V (
S V)
4.5
3.0
3.5
4.0
5.5
5.0
2.5
120
100
80
60
40
20
0
Note: Shutdown I vs V is for Subregulator Configuration 3
Q
S
-
40 -25
0
25
125
Temperature ( C)
°
V+ = 5.5V
V+ = 12V
V+ = 3V
50
75
100
140
120
100
80
60
40
20
0
Note: Shutdown I vs Temperature is
for Subregulator Configurations 1 and 2
Q
TMP512
TMP513
www.ti.com
SBOS491A
– JUNE 2010 – REVISED MAY 2011
TYPICAL CHARACTERISTICS: V+ = +12V (continued)
At TA = +25°C, V+ = 12V, VSENSE = (VIN+ – VIN–) = 32mV, PGA = ÷ 1, and BRNG = 1, unless otherwise noted.
BUS GAIN ERROR vs TEMPERATURE
INTEGRAL NONLINEARITY vs INPUT VOLTAGE
Figure 7.
Figure 8.
INPUT CURRENTS WITH LARGE DIFFERENTIAL
VOLTAGES
(VIN+ at 12V, Sweep of VIN–)
ACTIVE IQ vs TEMPERATURE
Figure 9.
Figure 10.
SHUTDOWN IQ vs
SHUTDOWN IQ vs TEMPERATURE
SUPPLY VOLTAGE
Figure 11.
Figure 12.
Copyright
© 2010–2011, Texas Instruments Incorporated
9


Similar Part No. - TMP512AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP512AIDR TI-TMP512AIDR Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP512AIDR TI-TMP512AIDR Datasheet
1Mb / 54P
[Old version datasheet]   Temperature and Power Supply System Monitors
More results

Similar Description - TMP512AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP512 TI-TMP512 Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP512 TI-TMP512_1 Datasheet
1Mb / 54P
[Old version datasheet]   Temperature and Power Supply System Monitors
logo
Maxim Integrated Produc...
MAX6653 MAXIM-MAX6653 Datasheet
297Kb / 24P
   Temperature Monitors and PWM Fan Controllers
Rev 1; 12/03
logo
Linear Technology
LTC2921 LINER-LTC2921_15 Datasheet
322Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2921 LINER-LTC2921 Datasheet
316Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2922 LINER-LTC2922_15 Datasheet
322Kb / 20P
   Power Supply Tracker with Input Monitors
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
Maxim Integrated Produc...
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
logo
ON Semiconductor
FDMF5062 ONSEMI-FDMF5062 Datasheet
42Kb / 1P
   Smart Power Stage (SPS) Modules with Integrated Current and Temperature Monitors
logo
Panasonic Semiconductor
AN34043AA PANASONIC-AN34043AA Datasheet
3Mb / 17P
   DTV System Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com