Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP5659 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SP5659
Description  2쨌7GHz I2C Bus Low Phase Noise Synthesiser
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5659 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SP5659 Datasheet HTML 1Page - Mitel Networks Corporation SP5659 Datasheet HTML 2Page - Mitel Networks Corporation SP5659 Datasheet HTML 3Page - Mitel Networks Corporation SP5659 Datasheet HTML 4Page - Mitel Networks Corporation SP5659 Datasheet HTML 5Page - Mitel Networks Corporation SP5659 Datasheet HTML 6Page - Mitel Networks Corporation SP5659 Datasheet HTML 7Page - Mitel Networks Corporation SP5659 Datasheet HTML 8Page - Mitel Networks Corporation SP5659 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The SP5659 is a single chip frequency synthesiser designed
for tuning systems up to 2·7GHz.
The RF preamplifier drives a divide-by two prescaler which
can be disabled for applications up to 2GHz, allowing direct
interfacing with the programmable divider, resulting in a step
size equal to the comparison frequency. For applications up
to 2·7GHz the divide-by two is enabled to give a step size of
twice the comparison frequency.
The comparison frequency is obtained either from an on-
chip crystal controlled oscillator or from an external source.
The oscillator frequency FREF or the comparison frequency
FCOMP may be switched to the REF/COMP output; this feature
is ideally suited to providing the reference frequency for a
second synthesiser such as in a double conversion tuner (see
Fig. 5).
The synthesiser is controlled via an I2C bus and responds
to one of four programmable addresses which are selected by
applying a specific voltage to the Address input. This feature
enables two or more synthesisers to be used in a system.
The SP5659 contains four switching ports, P0-P3 and a
5-level ADC, the output of which can be read via the I2C bus.
The SP5659 also contains a varactor line disable and
charge pump disable facility.
FEATURES
s Complete 2·7GHz Single Chip System
s Optimised for Low Phase Noise
s Selectable 42 prescaler
s Selectable Reference Division Ratio
s Selectable Reference/Comparison Frequency Output
s Selectable Charge Pump Current
s Varactor Drive Amplifier Disable
s 5-Level ADC
s Variable I2C BUS Address for Multi-tuner Applications
SP5659
2·7GHz I2C Bus Low Phase Noise Synthesiser
Preliminary Information
Supersedes March 1996 version, DS4206-1.8
DS4296 - 2.0 June 1998
SP5659
1
2
3
4
5
6
7
8
MP16
16
15
14
13
12
11
10
9
CHARGE PUMP
CRYSTAL
REF/COMP
ADDRESS
SDA
SCL
PORT P3
PORT P2
DRIVE
VEE
RF INPUT
RF INPUT
VCC
ADC
PORT P0
PORT P1
Fig. 1 Pin connections – top view
s ESD Protection: 4kV, Mil-Std-883C, Method 3015 (1)
s Pin Compatible with SP5658
(1) Normal ESD handling precautions should be observed.
APPLICATIONS
s Satellite TV
s High IF Cable Tuning Systems
THERMAL DATA
uJC = 41°C/W
uJA = 111°C/W
ORDERING INFORMATION
SP5659 KG/MP1S (Tubes)
SP5659 KG/MP1T (Tape and reel)


Similar Part No. - SP5659

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5654 ZARLINK-SP5654 Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654-KG-MPAD ZARLINK-SP5654-KG-MPAD Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654-KG-MPAS ZARLINK-SP5654-KG-MPAS Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654/KG ZARLINK-SP5654/KG Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654/KG/MPAD ZARLINK-SP5654/KG/MPAD Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
More results

Similar Description - SP5659

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5655 MITEL-SP5655 Datasheet
220Kb / 12P
   2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5769 MITEL-SP5769 Datasheet
223Kb / 11P
   3GHz I2C Bus Synthesiser
SP8854E MITEL-SP8854E Datasheet
176Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
   2.7GHz I2C Bus Controlled Synthesiser
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
   Frequency Synthesiser (I2C BUS Programmable)
logo
Zarlink Semiconductor I...
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
   Bidirectional I2C Bus Controlled Synthesiser
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
   Frequency Synthesiser (I2C BUS Programmable)
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
   2.7GHz I2C Bus Controlled Synthesiser
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
   Very Low Phase Noise Synthesiser Divider
SP8852E MITEL-SP8852E Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com