Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS28225 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS28225
Description  TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS28225 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS28225_15 Datasheet HTML 5Page - Texas Instruments TPS28225_15 Datasheet HTML 6Page - Texas Instruments TPS28225_15 Datasheet HTML 7Page - Texas Instruments TPS28225_15 Datasheet HTML 8Page - Texas Instruments TPS28225_15 Datasheet HTML 9Page - Texas Instruments TPS28225_15 Datasheet HTML 10Page - Texas Instruments TPS28225_15 Datasheet HTML 11Page - Texas Instruments TPS28225_15 Datasheet HTML 12Page - Texas Instruments TPS28225_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
PWM 30ns
UGATE
LGATE
t ± Time ± 20 ns/div
VDD = 7.2 V, CL = 3 nF, TJ = 25
oC
PWM ± 2 V/div
UGATE ± 10 V/div
LGATE ± 10 V/div
t ± Time ± 5 és/div
3-St Trigger, High = 3-St
PWM
UGATE
LGATE
t ± Time ± 10 ns/div
VDD = 7.2 V, CL = 3 nF, TJ = 25
oC
PWM
UGATE
LGATE
t ± Time ± 10 ns/div
VDD = 7.2 V, CL = 3 nF, TJ = 25
oC
FSW - Switching Frequency - kHz
0
15
5
10
100
300
500
700
1500 1700
900
1100
1900
1300
0
200
1000
1200
400
600
800
100
300
500
700
1500 1700
FSW - Switching Frequency - kHz
900
1100
1900
1300
UG = 25 nC,
LG = 50 nC
UG = 50 nC, LG = 50 nC
UG = 25 nC,
LG = 100 nC
TPS28225
www.ti.com
SLUS710D – MAY 2006 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
Different Load
VDD = 7.2 V
TJ = 25°C
No Load
VDD = 7.2 V
TJ = 25°C
Charge
Figure 14. Bias Supply Current vs Switching Frequency
Figure 15. Driver Dissipated Power vs Switching Frequency
Figure 16. PWM Input Rising Switching Waveforms
Figure 17. PWM Input Falling Switching Waveforms
Figure 19. Normal and 3-State Operation Enter/Exit
Figure 18. Minimum UGATE Pulse Switching Waveforms
Conditions
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS28225


Similar Part No. - TPS28225_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225DR TI-TPS28225DR Datasheet
987Kb / 30P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Driver
TPS28225DRBR TI-TPS28225DRBR Datasheet
987Kb / 30P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Driver
More results

Similar Description - TPS28225_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI-TPS28226 Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI1-TPS28226_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI-TPS28225 Datasheet
987Kb / 30P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Driver
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com