Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27200 Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC27200
Description  120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27200 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC27200_15 Datasheet HTML 5Page - Texas Instruments UCC27200_15 Datasheet HTML 6Page - Texas Instruments UCC27200_15 Datasheet HTML 7Page - Texas Instruments UCC27200_15 Datasheet HTML 8Page - Texas Instruments UCC27200_15 Datasheet HTML 9Page - Texas Instruments UCC27200_15 Datasheet HTML 10Page - Texas Instruments UCC27200_15 Datasheet HTML 11Page - Texas Instruments UCC27200_15 Datasheet HTML 12Page - Texas Instruments UCC27200_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
-50
-25
0
25
100
125
14
18
22
26
32
36
50
75
150
16
20
24
30
34
T
A - Temperature -
o
C
28
TDLFF
TDLRR
TDHFF
TDHRR
V
DD = VHD = 12 V
14
18
22
26
30
36
16
20
24
28
34
-50
-25
0
75
100
125
150
T
A - Temperature -
oC
25
50
32
TDLFF
TDLRR
TDHFF
TDHRR
V
DD = VHB = 12 V
8
10
12
16
20
V
DD = VHB - Supply Voltage - V
16
18
20
22
24
26
14
18
LI Rising
LI Falling
T = 25oC
HI Rising
HI Falling
8
10
16
18
20
V
DD = VHB - Supply Voltage - V
18
20
26
12
14
22
24
T = 25oC
LI Rising
LI Falling
HI Rising
HI Falling
UCC27200, UCC27201
www.ti.com ....................................................................................................................................... SLUS746B – DECEMBER 2006 – REVISED NOVEMBER 2008
TYPICAL CHARACTERISTICS (continued)
UCC27200 PROPAGATION DELAYS
UCC27201 PROPAGATION DELAYS
vs
vs
TEMPERATURE
TEMPERATURE
Figure 13.
Figure 14.
UCC27200 PROPAGATION DELAY
UCC27201 PROPAGATION DELAY
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 15.
Figure 16.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): UCC27200 UCC27201


Similar Part No. - UCC27200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27200 TI1-UCC27200_12 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI1-UCC27200_16 Datasheet
1Mb / 37P
[Old version datasheet]   120V Boot, 3A Peak, High Frequency, High-Side and Low-Side Driver
More results

Similar Description - UCC27200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A Datasheet
1Mb / 36P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
DECEMBER2011
UCC27201DG4 TI-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200 Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200_07 Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1 Datasheet
701Kb / 29P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200 TI1-UCC27200_12 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com