Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27211A Datasheet(PDF) 11 Page - Texas Instruments

Part # UCC27211A
Description  UCC27211A 120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver31
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27211A Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC27211A_15 Datasheet HTML 7Page - Texas Instruments UCC27211A_15 Datasheet HTML 8Page - Texas Instruments UCC27211A_15 Datasheet HTML 9Page - Texas Instruments UCC27211A_15 Datasheet HTML 10Page - Texas Instruments UCC27211A_15 Datasheet HTML 11Page - Texas Instruments UCC27211A_15 Datasheet HTML 12Page - Texas Instruments UCC27211A_15 Datasheet HTML 13Page - Texas Instruments UCC27211A_15 Datasheet HTML 14Page - Texas Instruments UCC27211A_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
0
1
2
3
4
5
0
2
4
6
8
10
12
VLO, VHO − Output Voltage (V)
Pull Down Current
Pull Up Current
VDD=VHB=12V
G016
0.001
0.01
0.1
1
10
100
500
550
600
650
700
750
800
850
Diode Voltage (mV)
G017
0
4
8
12
16
20
24
28
32
8
12
16
20
VDD=VHB − Supply Voltage (V)
TDLRR
TDLFF
TDHRR
TDHFF
T=25°C
−2
0
2
4
6
8
10
−40
−20
0
20
40
60
80
100
120
140
Temperature (°C)
TMon
TMoff
VDD=VHB=12V
UCC27211A
www.ti.com
SLUSBL4C – AUGUST 2013 – REVISED OCTOBER 2015
Typical Characteristics (continued)
Figure 15. Delay Matching vs Temperature
Figure 14. Propagation Delays vs Supply Voltage
Figure 16. Output Current vs Output Voltage
Figure 17. Diode Current vs Diode Voltage
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: UCC27211A


Similar Part No. - UCC27211A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27211A-Q1 TI1-UCC27211A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27211A-Q1 TI1-UCC27211A-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27211AD TI1-UCC27211AD Datasheet
1Mb / 27P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27211ADR TI1-UCC27211ADR Datasheet
1Mb / 27P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27211ADRMR TI1-UCC27211ADRMR Datasheet
1Mb / 27P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
More results

Similar Description - UCC27211A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27212 TI1-UCC27212 Datasheet
833Kb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210A TI1-UCC27210A Datasheet
1Mb / 27P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210_12 Datasheet
1Mb / 33P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27211A-Q1 TI1-UCC27211A-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side/Low-Side Driver
FEBRUARY2012
UCC27212A-Q1 TI1-UCC27212A-Q1 Datasheet
857Kb / 29P
[Old version datasheet]   Automotive 120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210_15 Datasheet
1Mb / 39P
[Old version datasheet]   UCC2721x 120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com