Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27322-EP Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC27322-EP
Description  SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27322-EP Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC27322-EP_15 Datasheet HTML 4Page - Texas Instruments UCC27322-EP_15 Datasheet HTML 5Page - Texas Instruments UCC27322-EP_15 Datasheet HTML 6Page - Texas Instruments UCC27322-EP_15 Datasheet HTML 7Page - Texas Instruments UCC27322-EP_15 Datasheet HTML 8Page - Texas Instruments UCC27322-EP_15 Datasheet HTML 9Page - Texas Instruments UCC27322-EP_15 Datasheet HTML 10Page - Texas Instruments UCC27322-EP_15 Datasheet HTML 11Page - Texas Instruments UCC27322-EP_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
0
10
20
30
40
50
60
70
4.5
6.2
8
9.8
11.5
13.2
15
Supply Voltage (V)
CLOAD = 10 nF
tA = −55°C
tA = −40°C
tA = 0°C
tA = 125°C
tA = 25°C
tA = 105°C
0
10
20
30
40
50
60
70
4.5
6.2
8
9.8
11.5
13.2
15
Supply Voltage (V)
CLOAD = 10 nF
tA = −55°C
tA = −40°C
tA = 0°C
tA = 25°C
tA = 105°C
tA = 125°C
0.1
1.0
0.1
1.0
UCC27322-EP
SLUSAA1C – SEPTEMBER 2010 – REVISED MARCH 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 8.
Figure 9.
tD1 DELAY TIME
tD2 DELAY TIME
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 10.
Figure 11.
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated


Similar Part No. - UCC27322-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results

Similar Description - UCC27322-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27321 TI1-UCC27321_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321 Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321_08 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_13 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com