Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK545 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SK545
Description  N-Channel JFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SK545 Datasheet(HTML) 1 Page - ON Semiconductor

  2SK545 Datasheet HTML 1Page - ON Semiconductor 2SK545 Datasheet HTML 2Page - ON Semiconductor 2SK545 Datasheet HTML 3Page - ON Semiconductor 2SK545 Datasheet HTML 4Page - ON Semiconductor 2SK545 Datasheet HTML 5Page - ON Semiconductor 2SK545 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
O3112 TKIM TC-00002836/42099TH (KT)/O2196TS (KOTO) 8-7809/6037KI/3105KI, MT No.1789-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
2SK545
N-Channel JFET
40V, 55 to 95μA, 0.10mS, CP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Applications
Impedance converter applications
Infrared sensor
Features
Small IGSS
Small Ciss
Ultrasmall package permitting 2SK545-applied sets to be compact
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
40
V
Gate-to-Drain Voltage
VGDS
--40
V
Gate Current
IG
10
mA
Drain Current
ID
1mA
Allowable Power Dissipation
PD
100
mW
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7013A-011
Ordering number : EN1789C
Product & Package Information
• Package
: CP
• JEITA, JEDEC
: SC-59, TO-236, SOT-23, TO-236AB
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TB
Marking
Electrical Connection
TB
1 : Source
2 : Drain
3 : Gate
CP
12
3
2.9
0.95
0.4
0.1
1
2
3
B11
2SK545-11D-TB-E


Similar Part No. - 2SK545

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK545 SANYO-2SK545 Datasheet
73Kb / 3P
   Impedance Converter Applications???
2SK545 SANYO-2SK545 Datasheet
392Kb / 6P
   Impedance Converter Applications
logo
Unisonic Technologies
2SK545 UTC-2SK545 Datasheet
77Kb / 3P
   IMPEDANCE CONVERTER APPLICATIONS
2SK545G-B10-AE3-R UTC-2SK545G-B10-AE3-R Datasheet
77Kb / 3P
   IMPEDANCE CONVERTER APPLICATIONS
2SK545G-B11-AE3-R UTC-2SK545G-B11-AE3-R Datasheet
77Kb / 3P
   IMPEDANCE CONVERTER APPLICATIONS
More results

Similar Description - 2SK545

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
   N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
   N-CHANNEL JFET
LSJ112_TO-92 MICROSS-LSJ112_TO-92 Datasheet
290Kb / 1P
   N-CHANNEL JFET
LSJ204_SOT-23 MICROSS-LSJ204_SOT-23 Datasheet
277Kb / 1P
   N-CHANNEL JFET
LSJ212_TO-92 MICROSS-LSJ212_TO-92 Datasheet
278Kb / 1P
   N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
   N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
   N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
   N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
   N-CHANNEL JFET
LSU402_SOIC MICROSS-LSU402_SOIC Datasheet
294Kb / 1P
   N-CHANNEL JFET
LSU405_SOIC MICROSS-LSU405_SOIC Datasheet
282Kb / 1P
   N-CHANNEL JFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com