Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8401 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP8401
Description  Very Low Phase Noise 300MHz 첨10/11
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8401 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP8401 Datasheet HTML 1Page - Mitel Networks Corporation SP8401 Datasheet HTML 2Page - Mitel Networks Corporation SP8401 Datasheet HTML 3Page - Mitel Networks Corporation SP8401 Datasheet HTML 4Page - Mitel Networks Corporation SP8401 Datasheet HTML 5Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SP8400
Fig.3 Typical input sensitivity
ELECTRICAL CHARACTERISTICS
Guaranteed over: Supply voltage VCC = +4.75V to +5.25V Temperature Tamb = -10°C to +75°C
Tested at +4.75V and +5.25V at Tamb = +25°C
Min.
Typ.
Max.
Supply current
Output voltage swing
Input sensitivity 50MHz to 300MHz
Modulus Control Inputs
Logic high voltage
Low low voltage
Input current
Set up time ts
Release time tr
57
440
4
4
64
140
(-4)
0.8
180
50
340
2.2
4, 11, 12, 18
20, 21
7, 8
14
14
14
14
14
Output loaded with 300R See Fig.5
p-p @ 330MHz input
÷ 11 mode
Output loaded with 300R
RMS Sine wave into 50 Ohms
(dBm equivalent) See Fig.3
÷ 10 mode
÷ 11 mode
Modulus control input voltage 5V
mA
mV
mV
dBm
V
µA
ns
ns
Units
Value
Conditions
Characteristic
Pin
INPUT FREQUENCY (MHz)
400
300
200
100
0
50
100
150
200
250
300
350
355mV
140mV
OPERATING WINDOW
Fig.4 Timing diagram
5
CLOCK INPUT
MODULUS
CONTROL
INPUT
OUTPUT
t r
t s
65


Similar Part No. - SP8401

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8401 ZARLINK-SP8401 Datasheet
345Kb / 4P
   Very Low Phase Noise 300MHz 첨 10/11
SP8401KGMPES ZARLINK-SP8401KGMPES Datasheet
345Kb / 4P
   Very Low Phase Noise 300MHz 첨 10/11
More results

Similar Description - SP8401

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8401 ZARLINK-SP8401 Datasheet
345Kb / 4P
   Very Low Phase Noise 300MHz 첨 10/11
logo
ILSI America LLC
I428 ILSI-I428 Datasheet
134Kb / 2P
   Very Low Phase Noise Option
logo
EUROQUARTZ limited
T96 EUROQUARTZ-T96 Datasheet
86Kb / 1P
   Very Rugged - Low Phase Noise
logo
Intersil Corporation
EL5130 INTERSIL-EL5130_06 Datasheet
342Kb / 12P
   300MHz Low Noise Amplifiers
EL5130 INTERSIL-EL5130_07 Datasheet
320Kb / 12P
   300MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5130 RENESAS-EL5130 Datasheet
674Kb / 12P
   300MHz Low Noise Amplifiers
logo
Zarlink Semiconductor I...
SL560 ZARLINK-SL560 Datasheet
105Kb / 8P
   300MHz LOW NOISE AMPLIFIER
logo
Mitel Networks Corporat...
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
   Very Low Phase Noise Synthesiser Divider
logo
Zarlink Semiconductor I...
SP8400 ZARLINK-SP8400 Datasheet
383Kb / 5P
   Very Low Phase Noise Synthesiser Divider
logo
Mitel Networks Corporat...
SP5748 MITEL-SP5748 Datasheet
295Kb / 15P
   2.4GHz Very Low Phase Noise PLL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com