Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV70 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # BAV70
Description  SURFACE MOUNT FAST SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

BAV70 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  BAV70 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. BAV70 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE
75 Volts
250mWatts
FEATURES
• Fast switching speed.
• Surface mount package Ideally Suited for Automatic insertion
• Electrically Identical to Standard JEDEC
• High Conductance
MECHANICAL DATA
Case: SOT-23, Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Approx. Weight: 0.008 gram
POWER
.083(2.10)
.020(.50)
.006(.15)
.119(3.00)
.066(1.70)
.006(.15)MAX
.013(.35)
.002(.05)
.110(2.80)
SOT- 23
Unit: inch (mm)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified. For capacitive load, derate current by 20%.
NOTE:
1. CJ at VR=0, f=1MHZ
2.From IF=10mA to IR=1mA, VR=6Volts, RL=100
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S6
5
W
A
B0
7
V
A
B9
9
V
A
B9
9
L
A
B
S
T
I
N
U
e
d
o
C
g
n
i
k
r
a
M
A1
JA or A4
A7
F
J
e
g
a
t
l
o
V
e
s
r
e
v
e
R
VR
5
7
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
VRM
0
0
1
V
h
t
i
w
n
o
i
t
a
c
i
f
i
t
c
e
R
e
v
a
W
f
l
a
H
,
)
e
g
a
r
e
v
A
(
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
z
H
0
5
=
>
f
d
n
a
d
a
o
L
e
v
i
t
s
i
s
e
R
IO
0
5
1
A
m
s
u
0
.
1
,
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
IFSM
0
.
2
A
5
2
e
v
o
b
A
e
t
a
r
e
D
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
O C
PTOT
0
5
2
W
m
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
VF
A
1
0
0
.
0
=
F
I
@
5
1
7
.
0
A
1
0
.
0
=
F
I
@
5
5
8
.
0
A
5
0
.
0
=
F
I
@
0
.
1
A
5
1
.
0
=
F
I
@
5
2
.
1
V
V
5
2
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
V
5
7
IR
3
0
.
0
5
.
2
µA
)
1
s
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
m
u
m
i
x
a
M
CJ
5
.
1
F
p
)
2
s
e
t
o
N
(
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
M
TRR
0
.
4
s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
m
u
m
i
x
a
M
R
θ A
J
5
2
6
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
TJ
0
5
1
+
O
T
5
5
-
O C
e
r
u
g
i
F
t
i
u
c
r
i
C
n
o
m
m
o
C
e
d
o
n
A
n
o
m
m
o
C
e
d
o
h
t
a
C
s
e
i
r
e
S
)
t
l
A
(
e
l
g
n
i
S
SINGLE (Alt)
COMMON CATHODE
SERIES
COMMON ANODE
PB FREE PRODUCT
BAV70
SURFACE MOUNT FAST SWITCHING DIODE
Pb free plating 98.5% Sn above


Similar Part No. - BAV70

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
BAV70 TAITRON-BAV70 Datasheet
212Kb / 5P
   Three Terminals SMD Switching Diode
logo
Pan Jit International I...
BAV70 PANJIT-BAV70 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Shanghai Shunye Electro...
BAV70 SHUNYE-BAV70 Datasheet
174Kb / 3P
   Dual surface mount switching diode
logo
Pan Jit International I...
BAV70 PANJIT-BAV70 Datasheet
108Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Micro Commercial Compon...
BAV70 MCC-BAV70 Datasheet
88Kb / 2P
   350mW 75 Volt Dual Switching Diode
More results

Similar Description - BAV70

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com