Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK4177-DL-1E Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SK4177-DL-1E
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SK4177-DL-1E Datasheet(HTML) 3 Page - ON Semiconductor

  2SK4177-DL-1E Datasheet HTML 1Page - ON Semiconductor 2SK4177-DL-1E Datasheet HTML 2Page - ON Semiconductor 2SK4177-DL-1E Datasheet HTML 3Page - ON Semiconductor 2SK4177-DL-1E Datasheet HTML 4Page - ON Semiconductor 2SK4177-DL-1E Datasheet HTML 5Page - ON Semiconductor 2SK4177-DL-1E Datasheet HTML 6Page - ON Semiconductor 2SK4177-DL-1E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK4177
No. A0869-3/7
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Gate-to-Source Voltage, VGS -- V
ID -- VDS
ID -- VGS
RDS(on) -- VGS
RDS(on) -- Tc
IS -- VSD
yfs -- ID
IT07130
IT07131
IT07132
IT07133
--50
--25
0
25
50
75
100
125
150
0
0
4.0
3.5
3.0
2.5
2.0
1.5
50
45
40
10
30
525
15
20
35
1.0
0.5
0
0
3.0
2.5
2.0
1.5
20
18
16
412
210
68
14
1.0
0.5
10V
8V
0
30
25
10
20
15
5
VGS=4V
5V
6V
IT07135
0.2
0.4
0.6
0.8
1.2
1.0
0.01
0.1
1.0
10
7
5
3
2
7
5
3
2
7
5
3
2
IT07134
0.1
35
7
2
3
5
7
2
3
1.0
1.0
2
3
5
7
2
3
5
0.1
VDS=20V
25
°C
Tc=
--25
°C
75°
C
VGS=0V
ID=1A
VGS=10V
Tc= --25
°C
25
°C
75
°C
0
0
30
25
20
15
20
18
16
412
210
68
14
10
5
ID=1A
Tc=75
°C
25
°C
--25
°C
Tc=25
°C
pulse
VDS=20V
pulse
Drain Current, ID -- A
SW Time -- ID
Drain-to-Source Voltage, VDS -- V
Ciss, Coss, Crss -- VDS
IT09037
VDD=200V
VGS=10V
td(off)
tf
tr
td(on)
IT09038
f=1MHz
Ciss
Coss
Crss
100
10
3
2
3
2
5
5
7
0.1
1.0
23
5
7
23
0
7
100
10
1000
7
5
5
3
2
5
3
2
3
2
50
30
515
20
25
35
40
45
10


Similar Part No. - 2SK4177-DL-1E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK4177-DL-E SANYO-2SK4177-DL-E Datasheet
63Kb / 5P
   General-Purpose Switching Device Applications
More results

Similar Description - 2SK4177-DL-1E

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com