Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5235B Datasheet(PDF) 3 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # MMSZ5235B
Description  500mW SURFACE MOUNT ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

MMSZ5235B Datasheet(HTML) 3 Page - CHENG-YI ELECTRONIC CO., LTD.

  MMSZ5235B Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. MMSZ5235B Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD. MMSZ5235B Datasheet HTML 3Page - CHENG-YI ELECTRONIC CO., LTD. MMSZ5235B Datasheet HTML 4Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
-1
0
1
2
3
4
5
6
7
8
12
11
10
9
8
7
6
5
4
3
2
-2
-3
100
10
1
1000
100
10
1
IZ =1mA
5mA
20 mA
TJ=25 C
O
IZ(AC)=0.1I
F=1 kHZ
Z(DC)
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1
75 C
O
5C
O
25 C
O
150 C
O
100
1000
100
10
1
10
1
BIASAT
50%OFVZ NOM
0VBIAS
1VBIAS
T=25 C
A
o
100
10
1
10
100
0.6
0.5
0.4
0.3
0.2
0.1
0
125
100
75
50
25
0
T=25 C
A
O
150
Fig.1 TEMPERATURE COEFFICENTS
Fig.2 TEMPERATURE COEFFICENTS
Fig.4 TYPICAL FORWARD VOLTAGE
Fig.5 STEADY STATE POWER DERATING
Fig.6 TYPICAL CAPACITANCE
Fig.3 EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
NOMINAL ZENER VOLTAGE,VOLTS
NOMINAL ZENER VOLTAGE,VOLTS
FORWARD VOLTAGE, VOLTS
NORMAL ZENER VOLTAGE, VOLTS
NORMAL ZENER VOLTAGE, VOLTS
TEMPERATURE ( C)
O
500mW SURFACE MOUNT ZENER DIODES
THRU MMSZ5262B
MMSZ5221B
PB FREE PRODUCT


Similar Part No. - MMSZ5235B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5235B PANJIT-MMSZ5235B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Microdiode Electronics ...
MMSZ5235B CHENDA-MMSZ5235B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Diotec Semiconductor
MMSZ5235B DIOTEC-MMSZ5235B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Pan Jit International I...
MMSZ5235B PANJIT-MMSZ5235B Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5235B PANJIT-MMSZ5235B Datasheet
107Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMSZ5235B

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
ZMMC2V4 TAITRON-ZMMC2V4 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
TZM5221B TAITRON-TZM5221B Datasheet
204Kb / 5P
   500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ4678 SUNMATE-MMSZ4678 Datasheet
316Kb / 2P
   500mW Surface Mount Zener Diodes
logo
TAITRON Components Inco...
ZMM5221B TAITRON-ZMM5221B Datasheet
204Kb / 5P
   500mW Surface Mount Zener Diodes
TZMC2V4 TAITRON-TZMC2V4 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ2V4 SUNMATE-MMSZ2V4 Datasheet
387Kb / 3P
   500mW Surface Mount Zener Diodes
MMSZ5221 SUNMATE-MMSZ5221 Datasheet
224Kb / 2P
   500mW Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
   500mW, SOD-123LH Surface Mount Zener Diodes
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
E-CMOS Corporation
ECCZD55C2V0 E-CMOS-ECCZD55C2V0 Datasheet
293Kb / 7P
   500mW Surface Mount Zener Diodes - 2.0V-100V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com