Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5241B Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # MMSZ5241B
Description  500mW SURFACE MOUNT ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

MMSZ5241B Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  MMSZ5241B Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. MMSZ5241B Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD. MMSZ5241B Datasheet HTML 3Page - CHENG-YI ELECTRONIC CO., LTD. MMSZ5241B Datasheet HTML 4Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Marking
Code
Nom. V
Min. V
Max. V
mA
mA
μAV
MMSZ5221B
2.4
2.28
2.52
30
20.0
1200
0.25
100
1
C1
SOD-123
MMSZ5222B
2.5
2.38
2.63
30
20.0
1250
0.25
100
1
C2
SOD-123
MMSZ5223B
2.7
2.57
2.84
30
20.0
1300
0.25
75
1
C3
SOD-123
MMSZ5225B
3
2.85
3.15
30
20.0
1600
0.25
50
1
C5
SOD-123
MMSZ5226B
3.3
3.14
3.47
28
20.0
1600
0.25
25
1
D1
SOD-123
MMSZ5227B
3.6
3.42
3.78
24
20.0
1700
0.25
15
1
D2
SOD-123
MMSZ5228B
3.9
3.71
4.10
23
20.0
1900
0.25
10
1
D3
SOD-123
MMSZ5229B
4.3
4.09
4.52
22
20.0
2000
0.25
5.0
1
D4
SOD-123
MMSZ5230B
4.7
4.47
4.94
19
20.0
1900
0.25
5.0
2
D5
SOD-123
MMSZ5231B
5.1
4.85
5.36
17
20.0
1600
0.25
5.0
2
E1
SOD-123
MMSZ5232B
5.6
5.32
5.88
11
20.0
1600
0.25
5.0
3
E2
SOD-123
MMSZ5234B
6.2
5.89
6.51
7
20.0
1000
0.25
5.0
4
E4
SOD-123
MMSZ5235B
6.8
6.46
7.14
5
20.0
750
0.25
3.0
5
E5
SOD-123
MMSZ5236B
7.5
7.13
7.88
6
20.0
500
0.25
3.0
6
F1
SOD-123
MMSZ5237B
8.2
7.79
8.61
8
20.0
500
0.25
3.0
7
F2
SOD-123
MMSZ5239B
9.1
8.65
9.56
10
20.0
600
0.25
3.0
7
F4
SOD-123
MMSZ5240B
10
9.50
10.50
17
20.0
600
0.25
3.0
8
F5
SOD-123
MMSZ5241B
11
10.45
11.55
22
20.0
600
0.25
2.0
8
H1
SOD-123
MMSZ5242B
12
11.40
12.60
30
20.0
600
0.25
1.0
9
H2
SOD-123
MMSZ5243B
13
12.35
13.65
13
9.5
600
0.25
0.5
10
H3
SOD-123
MMSZ5244B
14
13.30
14.70
15
9.0
600
0.25
0.1
11
H4
SOD-123
MMSZ5245B
15
14.25
15.75
16
8.5
600
0.25
0.1
11
H5
SOD-123
MMSZ5246B
16
15.20
16.80
17
7.8
600
0.25
0.1
12
J1
SOD-123
MMSZ5247B
17
16.15
17.85
19
7.5
600
0.25
0.1
13
J2
SOD-123
MMSZ5248B
18
17.10
18.90
21
7.0
600
0.25
0.1
14
J3
SOD-123
MMSZ5250B
20
19.00
21.00
25
6.2
600
0.25
0.1
15
J5
SOD-123
MMSZ5251B
22
20.90
23.10
29
5.6
600
0.25
0.1
17
K1
SOD-123
MMSZ5252B
24
22.80
25.20
33
5.2
600
0.25
0.1
18
K2
SOD-123
MMSZ5254B
27
25.65
28.35
41
5.0
600
0.25
0.1
21
K4
SOD-123
MMSZ5255B
28
26.60
29.40
44
4.5
600
0.25
0.1
21
K5
SOD-123
MMSZ5256B
30
28.50
31.50
49
4.2
600
0.25
0.1
23
M1
SOD-123
MMSZ5257B
33
31.35
34.65
58
3.8
700
0.25
0.1
25
M2
SOD-123
MMSZ5258B
36
34.20
37.80
70
3.4
700
0.25
0.1
27
M3
SOD-123
MMSZ5259B
39
37.05
40.95
80
3.2
800
0.25
0.1
30
M4
SOD-123
MMSZ5260B
43
40.85
45.15
93
3.0
900
0.25
0.1
33
M5
SOD-123
MMSZ5261B
47
44.65
49.35
105
2.7
1000
0.25
0.1
36
N1
SOD-123
MMSZ5262B
51
48.45
53.55
125
2.5
1100
0.25
0.1
39
N2
SOD-123
IR @ VR
Part Number
Nominal Zener Voltage
Max. Zener Impedance
Max Reverse
Leakage Current
500 mWatts Zener Diodes
Package
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
500mW SURFACE MOUNT ZENER DIODES
THRU MMSZ5262B
MMSZ5221B
PB FREE PRODUCT


Similar Part No. - MMSZ5241B

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
MMSZ5241B CHENDA-MMSZ5241B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Pan Jit International I...
MMSZ5241B PANJIT-MMSZ5241B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
MMSZ5241B DIOTEC-MMSZ5241B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Pan Jit International I...
MMSZ5241B PANJIT-MMSZ5241B Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5241B PANJIT-MMSZ5241B Datasheet
107Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMSZ5241B

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
ZMMC2V4 TAITRON-ZMMC2V4 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
TZM5221B TAITRON-TZM5221B Datasheet
204Kb / 5P
   500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ4678 SUNMATE-MMSZ4678 Datasheet
316Kb / 2P
   500mW Surface Mount Zener Diodes
logo
TAITRON Components Inco...
ZMM5221B TAITRON-ZMM5221B Datasheet
204Kb / 5P
   500mW Surface Mount Zener Diodes
TZMC2V4 TAITRON-TZMC2V4 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ2V4 SUNMATE-MMSZ2V4 Datasheet
387Kb / 3P
   500mW Surface Mount Zener Diodes
MMSZ5221 SUNMATE-MMSZ5221 Datasheet
224Kb / 2P
   500mW Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
   500mW, SOD-123LH Surface Mount Zener Diodes
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
E-CMOS Corporation
ECCZD55C2V0 E-CMOS-ECCZD55C2V0 Datasheet
293Kb / 7P
   500mW Surface Mount Zener Diodes - 2.0V-100V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com