Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFC6604R Datasheet(PDF) 2 Page - ON Semiconductor

Part # EFC6604R
Description  N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EFC6604R Datasheet(HTML) 2 Page - ON Semiconductor

  EFC6604R Datasheet HTML 1Page - ON Semiconductor EFC6604R Datasheet HTML 2Page - ON Semiconductor EFC6604R Datasheet HTML 3Page - ON Semiconductor EFC6604R Datasheet HTML 4Page - ON Semiconductor EFC6604R Datasheet HTML 5Page - ON Semiconductor EFC6604R Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EFC6604R
No.A2204-2/6
G2
G1
S1
S2
A
G2
G1
S1
S2
A
G2
G1
S1
S2
A
G2
G1
S1
S2
A
G2
G1
S1
S2
V
IS
Test Circuit 1
ISSS
Test Circuit 2
IGSS
Test Circuit 3
VGS(off)
Test Circuit 4
| yfs |
Test Circuit 5
RSS(on)
VGS
VGS
VGS
VGS
When FET1 is measured,
Gate and Source of FET2
are short-circuited.
When FET1 is measured,
Gate and Source of FET2
are short-circuited.
When FET1 is measured,
Gate and Source of FET2
are short-circuited.
VSS
VSS
VSS
G2
G1
S1
S2
PG
RL
A
Test Circuit 7
Qg
IG =1mA
VSS
When FET1 is measured,
Gate and Source of FET2
are short-circuited.
G2
G1
S1
S2
V
PG
RL
Test Circuit 6
td(on), tr, td(off), tf
VSS
When FET1 is measured,
Gate and Source of FET2
are short-circuited.
G2
G1
S1
S2
V
IS
VGS=0V
Test Circuit 8
VF(S-S)
When FET1 is
measured,+4.5V is added to
VGS of FET2.
Test circuits are example of measuring FET1 side


Similar Part No. - EFC6604R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EFC6604R ONSEMI-EFC6604R Datasheet
506Kb / 6P
   Power MOSFET
March 2016 - Rev. 2
EFC6604R-TR ONSEMI-EFC6604R-TR Datasheet
506Kb / 6P
   Power MOSFET
March 2016 - Rev. 2
EFC6604R ONSEMI-EFC6604R_16 Datasheet
506Kb / 6P
   Power MOSFET
March 2016 - Rev. 2
More results

Similar Description - EFC6604R

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com