Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27524AQDRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27524AQDRQ1
Description  Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27524AQDRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  UCC27524AQDRQ1 Datasheet HTML 1Page - Texas Instruments UCC27524AQDRQ1 Datasheet HTML 2Page - Texas Instruments UCC27524AQDRQ1 Datasheet HTML 3Page - Texas Instruments UCC27524AQDRQ1 Datasheet HTML 4Page - Texas Instruments UCC27524AQDRQ1 Datasheet HTML 5Page - Texas Instruments UCC27524AQDRQ1 Datasheet HTML 6Page - Texas Instruments UCC27524AQDRQ1 Datasheet HTML 7Page - Texas Instruments UCC27524AQDRQ1 Datasheet HTML 8Page - Texas Instruments UCC27524AQDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
UCC27524A-Q1
www.ti.com
SLVSCC1B – NOVEMBER 2013 – REVISED SEPTEMBER 2015
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
VDD
–0.3
20
V
DC
–0.3
VDD + 0.3
V
OUTA, OUTB voltage
Repetitive pulse < 200 ns(2)
–2
VDD + 0.3
V
Output continuous source/sink current
IOUT_DC
0.3
A
Output pulsed source/sink current (0.5 µs) IOUT_pulsed
5
A
INA, INB, ENA, ENB voltage(3)
–5
20
V
Operating virtual junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Values are verified by characterization on bench.
(3)
The maximum voltage on the Input and Enable pins is not restricted by the voltage on the VDD pin.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC Q100-011
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.5
12
18
V
Operating junction temperature
–40
140
°C
Input voltage, INA, INB
–2
18
V
Enable voltage, ENA and ENB
–2
18
V
7.4 Thermal Information
UCC27524A-Q1
UCC27524A-Q1
THERMAL METRIC(1)
SOIC (D)
HVSSOP (DGN)
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
130.9
71.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
80
65.6
°C/W
RθJB
Junction-to-board thermal resistance
71.4
7.4
°C/W
ψJT
Junction-to-top characterization parameter
21.9
7.4
°C/W
ψJB
Junction-to-board characterization parameter
70.9
31.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
19.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UCC27524A-Q1


Similar Part No. - UCC27524AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27524AQDGNRQ1 TI1-UCC27524AQDGNRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
More results

Similar Description - UCC27524AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A1-Q1 TI1-UCC27524A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A TI1-UCC27524A Datasheet
1Mb / 36P
[Old version datasheet]   UCC27524A Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27518A-Q1 TI-UCC27518A-Q1_15 Datasheet
892Kb / 32P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With Negative Input Voltage Capability
UCC27523 TI1-UCC27523_13 Datasheet
1Mb / 41P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
UCC27523 TI1-UCC27523 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27517A TI-UCC27517A_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC27517A Single-Channel High-Speed Low-Side Gate Driver with Negative Input Voltage Capability (with 4-A Peak Source and Sink)
UCC27624 TI-UCC27624_V01 Datasheet
2Mb / 33P
[Old version datasheet]   UCC27624 30-V, 5-A Dual-Channel Low-Side Gate Driver with ??0-V Input Capability
DECEMBER 2021
UCC27624 TI-UCC27624_V02 Datasheet
3Mb / 37P
[Old version datasheet]   UCC27624 30-V, 5-A Dual-Channel Low-Side Gate Driver with –10-V Input Capability
REVISED DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com