Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFT1452-H Datasheet(PDF) 1 Page - ON Semiconductor

Part # SFT1452-H
Description  N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SFT1452-H Datasheet(HTML) 1 Page - ON Semiconductor

  SFT1452-H Datasheet HTML 1Page - ON Semiconductor SFT1452-H Datasheet HTML 2Page - ON Semiconductor SFT1452-H Datasheet HTML 3Page - ON Semiconductor SFT1452-H Datasheet HTML 4Page - ON Semiconductor SFT1452-H Datasheet HTML 5Page - ON Semiconductor SFT1452-H Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
60414HK TC-00003127/71112TKIM/41112TKIM PA No.9051-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2014
June, 2014
SFT1452
N-Channel Power MOSFET
250V, 3A, 2.4
, Single DPAK/IPAK
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Features
ON-resistance RDS(on)=1.8Ω(typ.)
Input Capacitance Ciss=210pF(typ.)
10V drive
Halogen free compliance
ESD Diode-Protected Gate
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
250
V
Gate-to-Source Voltage
VGSS
±30
V
Drain Current (DC)
ID
3
A
Drain Current (Pulse)
IDP
PW
≤10μs, duty cycle≤1%
12
A
Power Dissipation
PD
1
W
Tc=25
°C
26
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Thermal Resistance Ratings
Parameter
Symbol
Value
Unit
Junction to Case Steady State
RθJC
4.81
°C/W
Junction to Ambient *1
RθJA
125
Note :
*1 Insertion mounted
Package Dimensions unit : mm (typ)
Package Dimensions unit : mm (typ)
7518-004
7003-004
6.5
5.0
2.3
0.5
12
4
3
0.85
0.7
1.2
0.6
0.5
2.32.3
1 : Gate
2 : Drain
3 : Source
4 : Drain
IPAK(TP)
6.5
5.0
2.3
0.5
12
4
3
0.85
0.6
0.5
1.2
2.32.3
0 to 0.2
1 : Gate
2 : Drain
3 : Source
4 : Drain
DPAK(TP-FA)
SFT1452-H
SFT1452-W
SFT1452-TL-H
SFT1452-TL-W
Ordering number : EN9051B
ORDERING INFORMATION
See detailed ordering and shipping information on page 2 of this data sheet.


Similar Part No. - SFT1452-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SFT1450 SANYO-SFT1450 Datasheet
73Kb / 4P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
SFT1450 ONSEMI-SFT1450 Datasheet
412Kb / 9P
   N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1450 ONSEMI-SFT1450 Datasheet
412Kb / 9P
   N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1450-H ONSEMI-SFT1450-H Datasheet
412Kb / 9P
   N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1450-H ONSEMI-SFT1450-H Datasheet
412Kb / 9P
   N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
More results

Similar Description - SFT1452-H

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com