Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27531 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC27531
Description  2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27531 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC27531_15 Datasheet HTML 2Page - Texas Instruments UCC27531_15 Datasheet HTML 3Page - Texas Instruments UCC27531_15 Datasheet HTML 4Page - Texas Instruments UCC27531_15 Datasheet HTML 5Page - Texas Instruments UCC27531_15 Datasheet HTML 6Page - Texas Instruments UCC27531_15 Datasheet HTML 7Page - Texas Instruments UCC27531_15 Datasheet HTML 8Page - Texas Instruments UCC27531_15 Datasheet HTML 9Page - Texas Instruments UCC27531_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
UCC27531, UCC27533, UCC27536, UCC27537, UCC27538
SLUSBA7F – DECEMBER 2012 – REVISED JULY 2015
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
UCC27538DBV
1
VDD
I
Bias supply input
2
IN1
I
Driver non-inverting input
3
GND
-
Ground (all signals are referenced to this node)
4
OUTL
O
5-A sink current output of driver
5
IN2
I
Driver non-inverting input
6
OUTH
O
2.5-A source current output of driver
UCC27531D
1
NC
-
No connection
2
IN
I
Driver non-inverting input
3
GND
-
Ground (all signals are referenced to this node)
4
NC
-
No connection
5
NC
-
No connection
6
VDD
I
Bias supply input
7
OUT
O
5-A Sink Current Output of driver and 2.5-A Source Current Output of driver
8
NC
-
No connection
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
Supply voltage
VDD
–0.3
35
V
Continuous
OUTH, OUTL, OUT
–0.3
VDD +0.3
V
Pulse
OUTH, OUTL, OUT (200 ns)
–2
VDD +0.3
V
Continuous IN, EN, IN+, IN-, IN1, IN2
–5
27
V
Pulse IN, EN, IN+, IN–, IN1, IN2 (1.5 µs)
–6.5
27
V
Operating virtual junction temperature, TJ
–40
150
°C
Soldering, 10 sec.
300
Lead temperature
°C
Reflow
260
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND unless otherwise noted. Currents are positive into, negative out of the specified terminal. See
Thermal Information of the datasheet for thermal limitations and considerations of packages.
(3)
These devices are sensitive to electrostatic discharge; follow proper device handling procedures.
8.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1000
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: UCC27531 UCC27533 UCC27536 UCC27537 UCC27538


Similar Part No. - UCC27531_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27531 TI-UCC27531_13 Datasheet
648Kb / 35P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
More results

Similar Description - UCC27531_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27531 TI1-UCC27531 Datasheet
450Kb / 23P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532-Q1 TI-UCC27532-Q1_15 Datasheet
916Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27537DBVR TI-UCC27537DBVR Datasheet
1Mb / 37P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531-Q1 TI1-UCC27531-Q1 Datasheet
994Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532 TI-UCC27532 Datasheet
989Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531 TI-UCC27531_13 Datasheet
648Kb / 35P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531-Q1 TI1-UCC27531-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   UCC27531-Q1 2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
logo
Vishay Siliconix
VOW3120 VISHAY-VOW3120_V01 Datasheet
198Kb / 12P
   Widebody 2.5 A IGBT and MOSFET Driver
01-Jan-2022
logo
Texas Instruments
ISO5452-Q1 TI1-ISO5452-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com