Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27536DBVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27536DBVR
Description  2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27536DBVR Datasheet(HTML) 5 Page - Texas Instruments

  UCC27536DBVR Datasheet HTML 1Page - Texas Instruments UCC27536DBVR Datasheet HTML 2Page - Texas Instruments UCC27536DBVR Datasheet HTML 3Page - Texas Instruments UCC27536DBVR Datasheet HTML 4Page - Texas Instruments UCC27536DBVR Datasheet HTML 5Page - Texas Instruments UCC27536DBVR Datasheet HTML 6Page - Texas Instruments UCC27536DBVR Datasheet HTML 7Page - Texas Instruments UCC27536DBVR Datasheet HTML 8Page - Texas Instruments UCC27536DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image









1
2
3
6
5
4
IN
EN
GND
OUTL
OUTH
1
2
3
5
4
IN+
VDD
IN-
OUT
1
2
3
5
4
GND
IN-
EN
1
2
3
5
4
IN+
EN
1
2
3
6
5
4
IN1
OUTL
IN2
OUTH
GND
GND
GND
VDD
VDD
VDD
VDD
OUT
OUT
UCC27531
UCC27533
UCC27536
UCC27537
UCC27538
UCC27531, UCC27533, UCC27536, UCC27537, UCC27538
www.ti.com
SLUSBA7F – DECEMBER 2012 – REVISED JULY 2015
7 Pin Configuration and Functions
5-Pin or 6-Pin SOT-23
DBV Package
Top View
8-Pin SOIC
D Package
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
UCC27531DBV
1
EN
I
Enable (Pull EN to GND to disable output, pull it high or leave open to enable output)
2
IN
I
Driver non-inverting input
3
VDD
I
Bias supply input
4
GND
-
Ground (all signals are referenced to this node)
5
OUTL
O
5-A sink current output of driver
6
OUTH
O
2.5-A Source Current Output of driver
UCC27533DBV
1
VDD
I
Bias supply input
2
GND
-
Ground (All signals are referenced to this node)
3
IN+
I
Driver non-inverting input
4
IN-
I
Driver inverting input
5
OUT
O
2.5-A source and 5-A sink current output of driver
UCC27536DBV
1
EN
I
Enable (pull EN to GND to disable output, pull it high or leave open to enable output)
2
GND
-
Ground (all signals are referenced to this node)
3
IN-
I
Driver inverting input
4
OUT
O
2.5-A source and 2.5-A sink current output of driver
5
VDD
I
Bias supply input
UCC27537DBV
1
EN
I
Enable (Pull EN to GND to disable Output, Pull it high or leave open to enable Output)
2
GND
-
Ground (All signals are referenced to this node)
3
IN+
I
Driver non-inverting input
4
OUT
O
2.5-A source and 5-A sink current output of driver
5
VDD
I
Bias supply input
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UCC27531 UCC27533 UCC27536 UCC27537 UCC27538


Similar Part No. - UCC27536DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27536DBVR TI-UCC27536DBVR Datasheet
1Mb / 37P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
More results

Similar Description - UCC27536DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27531 TI1-UCC27531 Datasheet
450Kb / 23P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532-Q1 TI-UCC27532-Q1_15 Datasheet
916Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27537DBVR TI-UCC27537DBVR Datasheet
1Mb / 37P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531-Q1 TI1-UCC27531-Q1 Datasheet
994Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532 TI-UCC27532 Datasheet
989Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531 TI-UCC27531_13 Datasheet
648Kb / 35P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531-Q1 TI1-UCC27531-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   UCC27531-Q1 2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
logo
Vishay Siliconix
VOW3120 VISHAY-VOW3120_V01 Datasheet
198Kb / 12P
   Widebody 2.5 A IGBT and MOSFET Driver
01-Jan-2022
logo
Texas Instruments
ISO5452-Q1 TI1-ISO5452-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com