Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28881 Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC28881
Description  UCC28881 700-V, 225-mA Low Quiescent Current Off-Line Switcher
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28881 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC28881_15 Datasheet HTML 5Page - Texas Instruments UCC28881_15 Datasheet HTML 6Page - Texas Instruments UCC28881_15 Datasheet HTML 7Page - Texas Instruments UCC28881_15 Datasheet HTML 8Page - Texas Instruments UCC28881_15 Datasheet HTML 9Page - Texas Instruments UCC28881_15 Datasheet HTML 10Page - Texas Instruments UCC28881_15 Datasheet HTML 11Page - Texas Instruments UCC28881_15 Datasheet HTML 12Page - Texas Instruments UCC28881_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
3
4
LDO
Control and
Reference
8
VDD
VREF_TH = 1 V
DRAIN
5
HVIN
FB
UVLO
+
PWM Controller
and Output Short
Circuit Protection
LEB
Leading Edge
Blanking Time
S
Q
Q
R
Current
Limit
1, 2
GND
Gate
High Voltage
Current Source
Thermal
Shutdown
UCC28881
www.ti.com
SLUSC36A – NOVEMBER 2015 – REVISED DECEMBER 2015
8 Detailed Description
8.1 Overview
The UCC28881 integrates a controller and a 700-V power MOSFET into one monolithic device. The device also
integrates a high-voltage current source, enabling start up and operation directly from the rectified mains voltage.
UCC28881 is the same family device as UCC28880 and it provides higher power handling capability.
The low-quiescent current of the device enables excellent efficiency. The device is suitable for non-isolated AC-
to-DC low-side buck and buck-boost configurations with level-shifted direct feedback, but also more traditional
high-side buck, buck boost and low-power flyback converters with low standby power can be built using a
minimum number of external components.
The device generates its own internal low-voltage supply (5 V referenced to the device’s ground, GND) from the
integrated high-voltage current source. The PWM signal generation is based on a maximum constant on-time,
minimum off-time concept, with the triggering of the on-pulse depending on the feedback voltage level. Each on-
pulse is followed by a minimum off-time to ensure that the power MOSFET is not continuously driven in an on-
state. The PWM signal is AND-gated with the signal from a current limit circuit. No internal clock is required, as
the switching of the power MOSFET is load dependent. A special protection mechanism is included to avoid
runaway of the inductor current when the converter operates with the output shorted or in other abnormal
conditions that can lead to an uncontrolled increase of the inductor current. This special protection feature keeps
the MOSFET current at a safe operating level. The device is also protected from other fault conditions with
thermal shutdown, under-voltage lockout and soft-start features.
8.2 Functional Block Diagram
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: UCC28881


Similar Part No. - UCC28881_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28881 TI-UCC28881_15 Datasheet
441Kb / 30P
[Old version datasheet]   UCC28881 700-V Lowest Quiescent Current Off-Line Switcher
More results

Similar Description - UCC28881_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28881 TI-UCC28881_15 Datasheet
441Kb / 30P
[Old version datasheet]   UCC28881 700-V Lowest Quiescent Current Off-Line Switcher
UCC28881 TI1-UCC28881_16 Datasheet
525Kb / 31P
[Old version datasheet]   700-V, 225-mA Low Quiescent Current Off-Line Converter
UCC28880 TI1-UCC28880 Datasheet
1Mb / 35P
[Old version datasheet]   700-V Lowest Quiescent Current Off-Line Switcher
UCC28880 TI1-UCC28880_16 Datasheet
1Mb / 37P
[Old version datasheet]   Low Quiescent Current Off-Line Converter
logo
Monolithic Power System...
MP171 MPS-MP171 Datasheet
516Kb / 20P
   700 V Non-Isolated Off-Line Regulator Up to 60 mA Output Current
MP172 MPS-MP172 Datasheet
519Kb / 20P
   700 V Non-Isolated Off-Line Regulator Up to 120 mA Output Current
MP173 MPS-MP173 Datasheet
539Kb / 20P
   700 V Non-Isolated Off-Line Regulator Up to 280 mA Output Current
logo
ON Semiconductor
NCP1075A ONSEMI-NCP1075A Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
logo
Microchip Technology
MCP1703T-3002E MICROCHIP-MCP1703T-3002E Datasheet
303Kb / 25P
   250 mA, 16V, Low Quiescent Current
12/08/06
logo
M.S. Kennedy Corporatio...
MSK181 MSK-MSK181_15 Datasheet
260Kb / 8P
   Low Quiescent Current: 20 mA Typ.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com