Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK681-300 Datasheet(PDF) 5 Page - ON Semiconductor

Part # STK681-300
Description  Forward/Reverse Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK681-300 Datasheet(HTML) 5 Page - ON Semiconductor

  STK681-300 Datasheet HTML 1Page - ON Semiconductor STK681-300 Datasheet HTML 2Page - ON Semiconductor STK681-300 Datasheet HTML 3Page - ON Semiconductor STK681-300 Datasheet HTML 4Page - ON Semiconductor STK681-300 Datasheet HTML 5Page - ON Semiconductor STK681-300 Datasheet HTML 6Page - ON Semiconductor STK681-300 Datasheet HTML 7Page - ON Semiconductor STK681-300 Datasheet HTML 8Page - ON Semiconductor STK681-300 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STK681-300
No. A0760-5/10
Motor Drive Conditions (H: High-level input; L: Low-Level Input)
IN1
IN2
INH
Remarks
Stop 1 (standby)
H
H
H or L
When motor is not rotating
H
H
H
H
L
H
Stop 2 (supply power turned off by input during
motor rotation)
L
H
H
Stop signal that is applied when the motor is
running and used to turn off power.
Forward (CW)
H
L
L
Reverse (CCW)
L
H
L
No input signal is needed that turns off the
upper- and lower-side drive devices when
switching the rotational direction.
Brake
L
L
L or H
GND side MOSFET ON
* IN1=IN2=H and INH=L are prohibited during motor rotation.
Notes
(1) Be sure to set the capacitance of the power supply bypass capacitor, C1, so that the ripple current of the capacitor,
which varies as motor current increases, falls within the allowed range.
(2) Although the Vref2 pin is kept open, if connected to the GND or S.P pin, the overheating current control circuit
ceases to function.
(3) Fixed current chopping operations based on TR1 and TR2 are used for current control. The timing given below is
used for OUT1 or OUT2 voltage output and for TR1 or TR2 collector current.
(4) Do not connect the N.C pins shown in the internal block diagram or sample application circuit to a circuit pattern on
the PCB.
(5) This IC is not designed for use in an H-bridge driver for power supplies because the I/O response time of its GND
side driving device, required when switching the motor rotational direction, is several scores of microseconds.
It should be used only for DC motor drivers.
OUT1 or OUT2
Output voltage
TR1 or TR2
Collector current
Motor current
50
μs
0A
GND
VCC1-Vsat1
IO peak (current setting value)
0A
IO peak (current setting value)


Similar Part No. - STK681-300

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK681-300 SANYO-STK681-300 Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
More results

Similar Description - STK681-300

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
ENA0760-D SANYO-ENA0760-D Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
ENA0762-D SANYO-ENA0762-D Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
LV8014T SANYO-LV8014T_09 Datasheet
107Kb / 6P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019V-TLM-E ONSEMI-LV8019V-TLM-E Datasheet
84Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8401V SANYO-LV8401V_08 Datasheet
136Kb / 6P
   Forward/Reverse Motor Driver
LV8417CS SANYO-LV8417CS Datasheet
210Kb / 5P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com