Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27538DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27538DBVT
Description  2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27538DBVT Datasheet(HTML) 1 Page - Texas Instruments

  UCC27538DBVT Datasheet HTML 1Page - Texas Instruments UCC27538DBVT Datasheet HTML 2Page - Texas Instruments UCC27538DBVT Datasheet HTML 3Page - Texas Instruments UCC27538DBVT Datasheet HTML 4Page - Texas Instruments UCC27538DBVT Datasheet HTML 5Page - Texas Instruments UCC27538DBVT Datasheet HTML 6Page - Texas Instruments UCC27538DBVT Datasheet HTML 7Page - Texas Instruments UCC27538DBVT Datasheet HTML 8Page - Texas Instruments UCC27538DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
1
2
3
6
5
4
+
EN
IN
VDD
OUTH
OUTL
GND
+
18 V
UCC27531
Controller
+
VCC
GND
Bouncing Up
to -6.5 V
ISENSE
VCE(sense)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
UCC27531, UCC27533, UCC27536, UCC27537, UCC27538
SLUSBA7F – DECEMBER 2012 – REVISED JULY 2015
UCC2753x 2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
1 Features
3 Description
The
UCC2753x
single-channel,
high-speed
gate
1
Low-Cost Gate Driver (Offering Optimal Solution
drivers can effectively drive MOSFET and IGBT
for Driving FET and IGBTs)
power switches. Using a design that allows for a
Superior Replacement to Discrete Transistor Pair
source of up to 2.5 A and 5-A sink through
Drive (Providing Easy Interface With Controller)
asymmetrical drive (split outputs), coupled with the
ability to support a negative turn-off bias, rail-to-rail
TTL and CMOS Compatible Input Logic Threshold
drive capability, extremely small propagation delay
(Independent of Supply Voltage)
(17 ns typical), the UCC2753x devices are ideal
Split Output Options Allow for Tuning of Turnon
solutions for MOSFET and IGBT power switches. The
and Turnoff Currents
UCC2753x family of devices can also support enable,
Inverting and Noninverting Input Configurations
dual input, and inverting and non-inverting input
functionality.
The
split
outputs
and
strong
Enable With Fixed TTL Compatible Threshold
asymmetrical
drive
boost
the
devices
immunity
High 2.5-A Source and 2.5-A or 5-A Sink Peak
against parasitic Miller turn-on effect and can help
Drive Currents at 18-V VDD
reduce ground debouncing.
Wide VDD Range From 10 V to 35 V
Device Information(1)
Input and Enable Pins Capable of Withstanding up
to –5-V DC Below Ground
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOIC (8)
4.90 mm × 3.91 mm
Output Held Low When Inputs are Floating or
UCC27531
During VDD UVLO
SOT-23 (6)
UCC27533
Fast Propagation Delays (17-ns Typical)
UCC27536
SOT-23 (5)
2.90 mm × 1.60 mm
Fast Rise and Fall Times
UCC27537
(15-ns and 7-ns Typical With 1800-pF Load)
UCC27538
SOT-23 (6)
Undervoltage Lockout (UVLO)
Used as a High-Side or Low-Side Driver (If
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Designed With Proper BIAS and Signal Isolation)
Low-Cost, Space-Saving 5-Pin or 6-Pin DBV
Driving IGBT Without Negative Bias
(SOT-23) Package Options
UCC27536 and UCC27537 Pin-to-Pin Compatible
to TPS2828 and TPS2829
Operating Temperature Range of –40°C to 140°C
2 Applications
Switched-Mode Power Supplies
DC-to-DC Converters
Solar Inverters, Motor Control, UPS
HEV and EV Chargers
Home Appliances
Renewable Energy Power Conversion
SiC FET Converters
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - UCC27538DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27538DBVT TI-UCC27538DBVT Datasheet
1Mb / 37P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
More results

Similar Description - UCC27538DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27531 TI1-UCC27531 Datasheet
450Kb / 23P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532-Q1 TI-UCC27532-Q1_15 Datasheet
916Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27537DBVR TI-UCC27537DBVR Datasheet
1Mb / 37P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531-Q1 TI1-UCC27531-Q1 Datasheet
994Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532 TI-UCC27532 Datasheet
989Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531 TI-UCC27531_13 Datasheet
648Kb / 35P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531-Q1 TI1-UCC27531-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   UCC27531-Q1 2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
logo
Vishay Siliconix
VOW3120 VISHAY-VOW3120_V01 Datasheet
198Kb / 12P
   Widebody 2.5 A IGBT and MOSFET Driver
01-Jan-2022
logo
Texas Instruments
ISO5452-Q1 TI1-ISO5452-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com