Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM5252B Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # ZMM5252B
Description  500mW Mini melf ZENER Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

ZMM5252B Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  ZMM5252B Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. ZMM5252B Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD. ZMM5252B Datasheet HTML 3Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZMM5221B thru ZMM5267B
Type
VZnom
1)
IZT
for
rzjT
rzjk
at
IZK
IR
at
VR
TKVZ
V
mA
W
W
mA
mA
V
%/K
ZMM5221B
2.4
20
< 30
< 1200
0.25
< 100
1.0
< –0.085
ZMM5222B
2.5
20
< 30
< 1250
0.25
< 100
1.0
< –0.085
ZMM5223B
2.7
20
< 30
< 1300
0.25
< 75
1.0
< –0.080
ZMM5224B
2.8
20
< 30
< 1400
0.25
< 75
1.0
< –0.080
ZMM5225B
3.0
20
< 29
< 1600
0.25
< 50
1.0
< –0.075
ZMM5226B
3.3
20
< 28
< 1600
0.25
< 25
1.0
< –0.070
ZMM5227B
3.6
20
< 24
< 1700
0.25
< 15
1.0
< –0.065
ZMM5228B
3.9
20
< 23
< 1900
0.25
< 10
1.0
< –0.060
ZMM5229B
4.3
20
< 22
< 2000
0.25
< 5
1.0
< +0.055
ZMM5230B
4.7
20
< 19
< 1900
0.25
< 5
2.0
< +0.030
ZMM5231B
5.1
20
< 17
< 1600
0.25
< 5
2.0
< +0.030
ZMM5232B
5.6
20
< 11
< 1600
0.25
< 5
3.0
< +0.038
ZMM5233B
6.0
20
< 7
< 1600
0.25
< 5
3.5
< +0.038
ZMM5234B
6.2
20
< 7
< 1000
0.25
< 5
4.0
< +0.045
ZMM5235B
6.8
20
< 5
< 750
0.25
< 3
5.0
< +0.050
ZMM5236B
7.5
20
< 6
< 500
0.25
< 3
6.0
< +0.058
ZMM5237B
8.2
20
< 8
< 500
0.25
< 3
6.5
< +0.062
ZMM5238B
8.7
20
< 8
< 600
0.25
< 3
6.5
< +0.065
ZMM5239B
9.1
20
< 10
< 600
0.25
< 3
7.0
< +0.068
ZMM5240B
10
20
< 17
< 600
0.25
< 3
8.0
< +0.075
ZMM5241B
11
20
< 22
< 600
0.25
< 2
8.4
< +0.076
ZMM5242B
12
20
< 30
< 600
0.25
< 1
9.1
< +0.077
ZMM5243B
13
9.5
< 13
< 600
0.25
< 0.5
9.9
< +0.079
ZMM5244B
14
9.0
< 15
< 600
0.25
< 0.1
10
< +0.082
ZMM5245B
15
8.5
< 16
< 600
0.25
< 0.1
11
< +0.082
ZMM5246B
16
7.8
< 17
< 600
0.25
< 0.1
12
< +0.083
ZMM5247B
17
7.4
< 19
< 600
0.25
< 0.1
13
< +0.084
ZMM5248B
18
7.0
< 21
< 600
0.25
< 0.1
14
< +0.085
ZMM5249B
19
6.6
< 23
< 600
0.25
< 0.1
14
< +0.086
ZMM5250B
20
6.2
< 25
< 600
0.25
< 0.1
15
< +0.086
ZMM5251B
22
5.6
< 29
< 600
0.25
< 0.1
17
< +0.087
ZMM5252B
24
5.2
< 33
< 600
0.25
< 0.1
18
< +0.088
ZMM5253B
25
5.0
< 35
< 600
0.25
< 0.1
19
< +0.089
ZMM5254B
27
4.6
< 41
< 600
0.25
< 0.1
21
< +0.090
ZMM5255B
28
4.5
< 44
< 600
0.25
< 0.1
21
< +0.091
ZMM5256B
30
4.2
< 49
< 600
0.25
< 0.1
23
< +0.091
ZMM5257B
33
3.8
< 58
< 700
0.25
< 0.1
25
< +0.092
ZMM5258B
36
3.4
< 70
< 700
0.25
< 0.1
27
< +0.093
ZMM5259B
39
3.2
< 80
< 800
0.25
< 0.1
30
< +0.094
ZMM5260B
43
3.0
< 93
< 900
0.25
< 0.1
33
< +0.095
ZMM5261B
47
2.7
< 105
< 1000
0.25
< 0.1
36
< +0.095
ZMM5262B
51
2.5
< 125
< 1100
0.25
< 0.1
39
< +0.096
ZMM5263B
56
2.2
< 150
< 1300
0.25
< 0.1
43
< +0.096
ZMM5264B
60
2.1
< 170
< 1400
0.25
< 0.1
46
< +0.097
ZMM5265B
62
2.0
< 185
< 1400
0.25
< 0.1
47
< +0.097
ZMM5266B
68
1.8
< 230
< 1600
0.25
< 0.1
52
< +0.097
ZMM5267B
75
1.7
< 270
< 1700
0.25
< 0.1
56
< +0.098
1) Based on dc–measurement at thermal equilibrium; lead length = 9.5mm (3/8”); thermal resistance of heat sink = 30K/W


Similar Part No. - ZMM5252B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ZMM5252B RECTRON-ZMM5252B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
logo
Shanghai Shunye Electro...
ZMM5252B SY-ZMM5252B Datasheet
316Kb / 3P
   ZENER DIODES
logo
Diodes Incorporated
ZMM5252B DIODES-ZMM5252B Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
ZMM5252B JGD-ZMM5252B Datasheet
198Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI MELF
logo
Shenzhen Ping Sheng Ele...
ZMM5252B PFS-ZMM5252B Datasheet
139Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZMM5252B

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
ZMM5221B WILLAS-ZMM5221B Datasheet
428Kb / 3P
   500mW Mini MELF Zener Diodes
logo
Frontier Electronics.
ZMM5221B-LFR FRONTIER-ZMM5221B-LFR Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM5221B FRONTIER-ZMM5221B Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V4-LFR FRONTIER-ZMM55-C2V4-LFR Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZJ2.0A FRONTIER-GLZJ2.0A Datasheet
128Kb / 4P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V0 FRONTIER-ZMM55-C2V0 Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZ2.0A FRONTIER-GLZ2.0A Datasheet
124Kb / 4P
   500mW MINI MELF ZENER DIODE
GLZ2.0A-LFR FRONTIER-GLZ2.0A-LFR Datasheet
123Kb / 4P
   500mW MINI MELF ZENER DIODE
logo
Jinan Gude Electronic D...
ZMM52 JGD-ZMM52 Datasheet
198Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI MELF
ZMM55C JGD-ZMM55C Datasheet
169Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI - MELF
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com