Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8854E Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # SP8854E
Description  2쨌7GHz Parallel Load Professional Synthesiser
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8854E Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button SP8854E Datasheet HTML 3Page - Mitel Networks Corporation SP8854E Datasheet HTML 4Page - Mitel Networks Corporation SP8854E Datasheet HTML 5Page - Mitel Networks Corporation SP8854E Datasheet HTML 6Page - Mitel Networks Corporation SP8854E Datasheet HTML 7Page - Mitel Networks Corporation SP8854E Datasheet HTML 8Page - Mitel Networks Corporation SP8854E Datasheet HTML 9Page - Mitel Networks Corporation SP8854E Datasheet HTML 10Page - Mitel Networks Corporation SP8854E Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
SP8854E
the charge pump outputs when high. During this period the
VCO control voltage will be maintained by the loop filter
components around the loop amplifier but due to the com-
bined effects of the amplifier input current and charge pump
leakage a gradual change will occur. In order to reduce the
change, the duration of the strobe pulse should be minimised.
Selection of a loop amplifier with low input current will reduce
the VCO voltage droop during the strobe pulse and result in
minimum reference sidebands from the synthesiser.
Reference Input
The reference source can be either driven from an external
sine or square wave source of up to 100MHz or a crystal can
be connected as shown in Fig. 5.
Phase Comparator and Charge Pump
The SP8854E has a digital phase/frequency comparator
driving a charge pump with programmable current output.
The charge pump current level at the minimum gain setting is
approximately equal to the current fed into the RSET input, pin
19, and can be increased by programming the bus according
to Table 2 by up to 4 times.
VCC21·6V
RSET
Pin 19 current =
Phase detector gain =
IPIN19 (mA)3multiplication factor
2p
mA/rad
Bit 15
0
0
1
1
Bit 14
0
1
0
1
Current multiplication factor
1·0
1·5
2·5
4·0
Table 2
To allow for control direction changes introduced by the
design of the PLL, pin 23 is used to reverse the sense of the
phase detector by transposing the FPD and FREF connections.
In order that any external phase detector will also be re-
versed, programming bit, the FPD and FREF outputs are also
interchanged by pin 23 as shown in Table 3.
The FPD and FREF signals to the phase detector are
available on pins 24 and 25 and may be used to monitor the
frequency input to the phase detector or used in conjunction
with an external phase detector. The outputs are disabled by
taking pin 22 low. When the FPD and FREF outputs are to be
used at high frequencies, an external pull down resistor of
minimum value 330
Ω may be connected to ground to reduce
the fall time of the output pulse.
The charge pump connections to the loop amplifier consist
of the charge pump output and the charge pump reference.
The matching of the charge pump up and down currents will
only be maintained if the charge pump output is held at a
voltage equal to the charge pump reference using an
operational amplifier to produce a virtual earth condition at pin
20. The lock detect circuit can drive an LED to give visual
indication of phase lock or provide an indication to the control
system if a pullup resistor is used in place of the LED. A small
capacitor connected form the C-LOCK DETECTOR pin to
ground may be used to delay lock detect indication and
remove glitches produced by momentary phase coincidence
during lock up.
Control direction (pin 23)
1
0
Pin 20
Current source
Current sink
Output for RF phase lag
Table 3
211 210 29
28
27
26
25
24
23
22
21
20
212
213
PHASE
DETECTOR
GAIN
CONTROL
(SEE TABLE 2)
M COUNTER
3-BIT
A COUNTER
40
41
42
43
44
123456789
10
11
PIN
Fig. 6 Programming data format


Similar Part No. - SP8854E

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
SP8854EIGHCAR ZARLINK-SP8854EIGHCAR Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
SP8854EKGHCAR ZARLINK-SP8854EKGHCAR Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
More results

Similar Description - SP8854E

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8852E MITEL-SP8852E Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8852E ZARLINK-SP8852E Datasheet
224Kb / 15P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
SP8855D ZARLINK-SP8855D Datasheet
551Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8852D ZARLINK-SP8852D Datasheet
555Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Mitel Networks Corporat...
SP8855E MITEL-SP8855E Datasheet
169Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8854D ZARLINK-SP8854D Datasheet
558Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
   1쨌5GHz Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com