Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130108-0215 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130108-0215
Description  13 Watt 12 VAC/DC Ballast A/DW01046RS012
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130108-0215 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130108-0215 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130108-0215
Status:
Active
Overview:
Lighting Accessories
Description:
13 Watt 12 VAC/DC Ballast A/DW01046RS012
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Portable Lighting
Series
130108
NEMA Configuration
N/A
Outlet
None
Overview
Lighting Accessories
Product Name
Woodhead®
Type
Accessory
UPC
78678896202
Woodhead
Yes
Physical
Cord Length - Primary
N/A
Cord Length - Secondary
N/A
Depth
N/A
Duty
Commercial
Guard Included
No
Guard Type
N/A
Height
N/A
Length
N/A
Material - Guard
N/A
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
Fluorescent
Lamp Type
PL13/41
Lamp Wattage - Maximum
13W
Lumens
900
On/Off Switch
No
Voltage (Fixture) - Maximum
120VAC 60 HZ
Material Info
Old Part Number
33-0294
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130108Series
This document was generated on 12/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130108-0215

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130108-0091 MOLEX11-130108-0091 Datasheet
46Kb / 1P
   Super-Safeway 4W Fluorescent Hand Lamp with Cord Ballast Location and no Switch
130108-0098 MOLEX11-130108-0098 Datasheet
43Kb / 1P
   Super-Safeway Twin Tube 80W Fluorescent Work Light with 12/3 SJTW Feed Thru 7.62m
130108-0122 MOLEX11-130108-0122 Datasheet
39Kb / 1P
   Super-Safeway 13W Fluorescent Hand Lamp no Switch with Cord Ballast Location
130108-0142 MOLEX11-130108-0142 Datasheet
43Kb / 1P
   Super-Safeway 27W Fluorescent Machine Light, Magnet Mount with 18/3 SJTOOW
130108-0146 MOLEX-130108-0146 Datasheet
50Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
More results

Similar Description - 130108-0215

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSR2-78-NZ AIMTEC-AMSR2-78-NZ Datasheet
232Kb / 4P
   Up to 13 Watt | DC-DC Converter
AM12TW-Z AIMTEC-AM12TW-Z_13 Datasheet
283Kb / 4P
   12 Watt | DC-DC Converter
AM12E-FZ AIMTEC-AM12E-FZ Datasheet
328Kb / 4P
   12 Watt | DC-DC Converter
AM12T-Z AIMTEC-AM12T-Z Datasheet
348Kb / 3P
   12 Watt | DC-DC Converter
AM12T-Z AIMTEC-AM12T-Z_13 Datasheet
350Kb / 3P
   12 Watt | DC-DC Converter
AM12TW-Z AIMTEC-AM12TW-Z Datasheet
381Kb / 4P
   12 Watt | DC-DC Converter
logo
Wall Industries,Inc.
RJW WALL-RJW Datasheet
143Kb / 2P
   12 Watt DC/DC Converter
logo
AIMTEC
AMSR2-78-NZ AIMTEC-AMSR2-78-NZ_16 Datasheet
136Kb / 4P
   Up to 13 Watt | DC-DC Switching Regulator
AMSR2-78-NZ AIMTEC-AMSR2-78-NZ_12 Datasheet
143Kb / 4P
   Up to 13 Watt | DC-DC Switching Regulator
logo
TRACO Electronic AG
THD12 TRACOPOWER-THD12 Datasheet
919Kb / 5P
   DC/DC Converter THD 12 Series, 12 Watt
Rev. November 30, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com