Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8854 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # SP8854
Description  2쨌7GHz Parallel Load Professional Synthesiser
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8854 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button SP8854 Datasheet HTML 4Page - Mitel Networks Corporation SP8854 Datasheet HTML 5Page - Mitel Networks Corporation SP8854 Datasheet HTML 6Page - Mitel Networks Corporation SP8854 Datasheet HTML 7Page - Mitel Networks Corporation SP8854 Datasheet HTML 8Page - Mitel Networks Corporation SP8854 Datasheet HTML 9Page - Mitel Networks Corporation SP8854 Datasheet HTML 10Page - Mitel Networks Corporation SP8854 Datasheet HTML 11Page - Mitel Networks Corporation SP8854 Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
SP8854E
Fig 7 Interface circuit diagrams
500
500
4k
325
325
3mA
13
14
RF INPUT
RF INPUT
VCC
0V
3k
Fig. 7a 16-bit input bus, FPD/FREF enable, control
direction, reference divider inputs and strobe
Fig. 7b RF inputs
5k
50
µA
INPUT
5k
VCC
0V
40k
40k
Fig. 7c Lock detect decouple
Fig. 7d Lock detect output
2·5k
2·5k
100
100
3k
3k
1k
1k
400
µA
VCC
0V
LOCK DETECT OUTPUT
(LOW WHEN LOCKED)
17
C-LOCK DETECT
(HIGH WHEN LOCKED)
VCC
0V
3k
3k
VREF
4·7V
20
µA
100
µA
18
Fig. 7e RSET pin
Fig. 7f Charge pump circuit
VCC
130
CHARGE PUMP
CURRENT SOURCES
0V
19
RSET
VCC
f UP
f DN
f UP
f DN
450
450
83
83
0V
VCC
OUTPUT
REFERENCE
20
21
2mA


Similar Part No. - SP8854

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8854D ZARLINK-SP8854D Datasheet
558Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8854DIGHCAR ZARLINK-SP8854DIGHCAR Datasheet
558Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8854DKGHCAR ZARLINK-SP8854DKGHCAR Datasheet
558Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
SP8854EIGHCAR ZARLINK-SP8854EIGHCAR Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
More results

Similar Description - SP8854

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8852E MITEL-SP8852E Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8852E ZARLINK-SP8852E Datasheet
224Kb / 15P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
SP8855D ZARLINK-SP8855D Datasheet
551Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8852D ZARLINK-SP8852D Datasheet
555Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Mitel Networks Corporat...
SP8855E MITEL-SP8855E Datasheet
169Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8854D ZARLINK-SP8854D Datasheet
558Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
   1쨌5GHz Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com