Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8854 Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # SP8854
Description  2쨌7GHz Parallel Load Professional Synthesiser
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8854 Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button SP8854 Datasheet HTML 5Page - Mitel Networks Corporation SP8854 Datasheet HTML 6Page - Mitel Networks Corporation SP8854 Datasheet HTML 7Page - Mitel Networks Corporation SP8854 Datasheet HTML 8Page - Mitel Networks Corporation SP8854 Datasheet HTML 9Page - Mitel Networks Corporation SP8854 Datasheet HTML 10Page - Mitel Networks Corporation SP8854 Datasheet HTML 11Page - Mitel Networks Corporation SP8854 Datasheet HTML 12Page - Mitel Networks Corporation SP8854 Datasheet HTML 13Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
SP8854E
Fig. 8 Third order loop filter circuit diagram
Loop Filter Design
Generally, the third order filter configuration shown in Fig. 8
gives better results than the more commonly used second order
because the reference sidebands are reduced. Three equations
are required to determine values for the three constants, where
The equations are:
t
1 = C1R1
t
2 = R2 (C11C2)
t
3 = C2R2
…(2)
…(3)
…(1)
t
2 =
1
vn2t3
2
2
tan F0 1
t
3 =
vn
t
1 =
KfK0
vn2N
11
vn
2 t
2
2
11
vn
2 t
3
2
1
2
1
cos F0
where
Kf is the phase detector gain factor in mA/radian
K0 is the VCO gain factor in radians/seconds/V
N is the division ratio from VCO to reference frequency
vn is the natural loop frequency
F0 is the phase margin, normally set to 45°
Since the phase detector used is linear over a range of 2
p
radians, the phase detector gain is given by:
These values can now be substituted in equation (1) to obtain
a value for
C1 and in equations (2) and (3) to determine values
for
C2 and R2.
Example
Calculate values for a loop with the following parameters:
Frequency to be synthesised
1000MHz
Reference frequency
10MHz
Division ratio
1000MHz/100MHz = 100
K0 VCO gain factor
2p310MHz/V
F0 phase margin
45
°
Phase comparator current
6·3mA
The phase detector gain factor
Kf = 6·3/2p = 1mA/radian
mA/radian
Phase comparator current setting
2
p
Kf =
From equation (3):
2
tan 45
°1
t
3 =
100kHz32p
1
cos 45
°
∴t
3 = 659310
2
9
=
628319
0·4142
t
2 =
(100kHz32p)23659310
2
9
1
∴t
2 = 3·844310
2
6
Using these values in equation (1):
t
1 =
1003(100kHz32p)2
1310
2
332p310MHz/V
3
[A]
11
vn
2 t
2
2
11
vn
2 t
3
2
where A =
=
1
2
11(100kHz32p)23(3·844310
2
6)2
11(100kHz32p)23(659310
2
9)2
t
1 =
∴t
1 = 3·84310
2
9
From equation (2):
= 1·59310
2
932·415
39·48310
2
12
62832
6·833
1·1714
1
2
Substituting for C2:
3·844310
2
6265931029
t
2 = R2 C11
t
3
R2
=
0·0153310
2
6
∴R
2 = 829·4
=
659310
2
9
829·4
t
3 = C2R2 =
t
3
R2
∴C
2 = 0·794nF
Now,
t
1 = C1
C
1 = 3·84nF
t
2 = R2 (C11C2)
t
2 = C2R2
t
22t3
C1
or,
R2=
+
C1
R2
C2
FROM
CHARGE PUMP
TO VCO
FROM
CHARGE PUMP
REFERENCE


Similar Part No. - SP8854

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8854D ZARLINK-SP8854D Datasheet
558Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8854DIGHCAR ZARLINK-SP8854DIGHCAR Datasheet
558Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8854DKGHCAR ZARLINK-SP8854DKGHCAR Datasheet
558Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
SP8854EIGHCAR ZARLINK-SP8854EIGHCAR Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
More results

Similar Description - SP8854

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8852E MITEL-SP8852E Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8852E ZARLINK-SP8852E Datasheet
224Kb / 15P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
SP8855D ZARLINK-SP8855D Datasheet
551Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8852D ZARLINK-SP8852D Datasheet
555Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Mitel Networks Corporat...
SP8855E MITEL-SP8855E Datasheet
169Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8854D ZARLINK-SP8854D Datasheet
558Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
   1쨌5GHz Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com