Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8861 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # SP8861
Description  1쨌3GHz Low Power Single-Chip Frequency Synthesiser
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8861 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button SP8861 Datasheet HTML 3Page - Mitel Networks Corporation SP8861 Datasheet HTML 4Page - Mitel Networks Corporation SP8861 Datasheet HTML 5Page - Mitel Networks Corporation SP8861 Datasheet HTML 6Page - Mitel Networks Corporation SP8861 Datasheet HTML 7Page - Mitel Networks Corporation SP8861 Datasheet HTML 8Page - Mitel Networks Corporation SP8861 Datasheet HTML 9Page - Mitel Networks Corporation SP8861 Datasheet HTML 10Page - Mitel Networks Corporation SP8861 Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
SP8861
Fig. 7 Data format diagrams
G2
G1
218 217 216 215 214 213 212 211 210 29
28
27
26
25
24
23
22
21
20
C2
C1
MSB
LSB
PHASE
DETECTOR GAIN
CONTROL
(SEE TABLE 1)
PHASE
DETECTOR
SENSE BIT
(SEE TABLE 2)
15-BIT PROGRAMMABLE COUNTER (M COUNTER)
4-BIT
PROGRAMMABLE
COUNTER
(A COUNTER)
CONTROL
LOGIC
(SEE
TABLE 3)
Fig. 7a F1 or F2 word, bit allocation with 416/17 selected
G2
G1
217 216 215 214 213 212 211 210 29
28
27
26
25
24
23
22
21
20
C2
C1
MSB
LSB
PHASE
DETECTOR GAIN
CONTROL
(SEE TABLE 1)
15-BIT PROGRAMMABLE COUNTER (M COUNTER)
3-BIT
PROGRAMMABLE
COUNTER
(A COUNTER)
CONTROL
LOGIC
(SEE
TABLE 3)
Fig. 7b F1 or F2 word, bit allocation with 48/9 selected
0
MUST BE ZERO
PD1 PD2
212 211 210 29
28
27
26
25
24
23
22
21
20
C2
C1
MSB
LSB
PHASE
DETECTOR
BISTABLE
CONTROL
(SEE TABLE 4)
13-BIT PROGRAMMABLE COUNTER (R COUNTER)
CONTROL
LOGIC
(SEE
TABLE 3)
Fig. 7c Reference word bit allocation
DUAL MODULUS
N RATIO SELECT
0 = 416/17
1 = 48/9
22 BITS
0 0
22 BITS
1 0
22 BITS
1 1
22 CLOCKS
22 CLOCKS
22 CLOCKS
F1 WORD
F2 WORD
REF WORD
DATA LOADS ON FALLING EDGES
DATA
DATA CLOCK
CHIP SELECT
Fig. 7d Data load sequence
PHASE
DETECTOR
SENSE BIT
(SEE TABLE 2)


Similar Part No. - SP8861

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8861 ZARLINK-SP8861 Datasheet
282Kb / 15P
   1쨌3GHz Low Power Single-Chip Frequency Synthesiser
SP8861/NA/HP ZARLINK-SP8861/NA/HP Datasheet
282Kb / 15P
   1쨌3GHz Low Power Single-Chip Frequency Synthesiser
More results

Similar Description - SP8861

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8861 ZARLINK-SP8861 Datasheet
282Kb / 15P
   1쨌3GHz Low Power Single-Chip Frequency Synthesiser
logo
Mitel Networks Corporat...
SP8853A MITEL-SP8853A Datasheet
210Kb / 14P
   1쨌3GHz Professional Synthesiser
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
NJ88C50 MITEL-NJ88C50 Datasheet
209Kb / 15P
   Dual Low Power Frequency Synthesiser
logo
Zarlink Semiconductor I...
NJ88C50 ZARLINK-NJ88C50 Datasheet
523Kb / 17P
   Dual Low Power Frequency Synthesiser
WL800 ZARLINK-WL800 Datasheet
573Kb / 12P
   2.5GHz Frequency Synthesiser
logo
Mitel Networks Corporat...
SP5730 MITEL-SP5730 Datasheet
372Kb / 14P
   1.3GHz Low Phase Noise Frequency Synthesiser
WL800 MITEL-WL800 Datasheet
150Kb / 11P
   2.5GHz Frequency Synthesiser
logo
Zarlink Semiconductor I...
NJ8820 ZARLINK-NJ8820 Datasheet
493Kb / 11P
   FREQUENCY SYNTHESISER (PROM INTERFACE)
SP5730 ZARLINK-SP5730 Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com