Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8858MGHCAR Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # SP8858MGHCAR
Description  1쨌5GHz Professional Synthesiser
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8858MGHCAR Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button SP8858MGHCAR Datasheet HTML 5Page - Mitel Networks Corporation SP8858MGHCAR Datasheet HTML 6Page - Mitel Networks Corporation SP8858MGHCAR Datasheet HTML 7Page - Mitel Networks Corporation SP8858MGHCAR Datasheet HTML 8Page - Mitel Networks Corporation SP8858MGHCAR Datasheet HTML 9Page - Mitel Networks Corporation SP8858MGHCAR Datasheet HTML 10Page - Mitel Networks Corporation SP8858MGHCAR Datasheet HTML 11Page - Mitel Networks Corporation SP8858MGHCAR Datasheet HTML 12Page - Mitel Networks Corporation SP8858MGHCAR Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
SP8858
q
The divider in the feedback path imposes limitations on the
designer because it reduces the DC gain of the loop and
also because it unavoidably introduces a measurement
error. The contribution to
fo(s) phase noise power of the
fi(s) signal, at frequency offsets within the loop bandwidth,
is multiplied by N2 (i.e. increases by 20logN dB); this may
impose a specific loop bandwidth for optimum phase
noise.
q
Physical imperfections in the charge pump and active loop
filter circuits force periodic corrections (at the rate of
1/FREF) when the loop is phase-locked. The resulting
disturbance frequency modulates the VCO producing
reference sidebands in the output signal spectrum. The
closed-loop bandwidth must be much less than FREF for
reasonable sideband suppression.
DESIGN IMPLEMENTATION
RF inputs
The availability of a suitable VCO should be considered
early in a project because information on the tuning range, the
tuning gain in Hz/V and the output noise spectrum is required
for the initial mathematical analysis. Variation in the tuning
gain over the tuning range should be minimised as this
parameter feeds into the closed loop characteristic equation.
There is also a trade-off between the requirement for a high
tuning gain (which requires the use of a relatively low Q
resonator) and phase noise.
The VCO, whether bought in or designed for the application,
must also be able to simultaneously drive the SP8858 RF input
as well as the input of the next stage in the system. A power
splitter and active buffer may be required in some applications.
The example in Fig.12 includes a simple resistive power
splitter. This type of buffer introduces a 6dB loss but is
adequate if the VCO output power is sufficient and if the
intention is simply to assess the SP8858 by monitoring the
output signal using a 50
Ω measurement system.
The SP8858’s RF input frequency specification covers the
range 80MHz to 1·5GHz and the input impedance varies with
frequency; a typical Smith chart is shown in Fig. 8. It is
advisable to consider transmission line effects for each
individual application and to ensure that the minimum voltage
swing at the RF input is within the guaranteed operating range
over the full tuning range of the application. The SP8858
incorporates a pre-amplifier at the RF input and the dividers
can be seen to operate well below the guaranteed operating
range. Fig. 9 shows a typical sensitivity curve as measured on
the demonstration board board driven by a 50
Ω signal
generator (sensitivity is the lowest power level at which the
divider operates without mis-counting). The dividers could be
more susceptible to spurious interference at low drive levels
causing the dividers to mis-count. However, driving the RF
input with relatively high levels will ensure greater immunity
from interference signals.
NORMALISED TO 50
START 102MHz, STOP 2000MHz
j 2
j 1
j 0.5
j 0.2
0
2
j 0.2
2
j 0.5
2
j 1
2
j 2
1
0.5
0.2
j 5
2
j 5
2
5
Fig. 8 Demonstration board input impedance
RF INPUT FREQUENCY (MHz)
0
2
5
2
10
2
15
2
20
2
25
2
30
2
35
50
100
500
1000
1500
2000
2300
Fig. 9 Typical sensitivity for demo. board at 25
°C
Reference Input
When the loop is phase-locked the output signal, Qo(s),
takes on the long term stability characteristics of the reference
signal. In many applications a crystal stabilised oscillator is
adequate as the reference source Qi(s). The VCO output
signal is divided down and compared with the reference
The design of the filter F(s), suitable for any given
application, may require careful trade-offs between the
requirement to meet the phase noise and the spurious output
specification and the settling time specification:
Example 1 In applications where high resolution is required
(the resolution is FREF Hz) the imposed closed loop bandwidth
(less than FREF Hz) could result in an unacceptably long time
to acquire phase lock.
Example 2 If a relatively high feedback division ratio is
required the 20logN increase in reference phase noise power,
seen at the output, could also impose a relatively narrow
closed loop bandwidth and hence a long acquisition time.
The roots of the characteristic equation in the closed loop
transfer function,
fo(s)/fi(s), are manipulated through
changes to the DC loop gain and the selection of the pole(s)
and zero(s) in F(s). Careful mathematical analysis is a
prerequisite to successful PLL synthesiser design. If the
analysis shows that the simple PLL as shown in Fig.12 is not
suitable then there are numerous modifications that can be
made to the basic loop and the texts listed in the References
should be consulted for more information.
The Mitel Application Note AN194 (Ref. 9) provides specific
guidance on noise minimisation and loop filter design for the
SP8858 user. The section Loop Filter Design below gives
details of the formula that can be used to implement the loop-
filter given that the desired second order characteristics are
known, i.e. the desired natural loop frequency
vn and damping
factor
z.


Similar Part No. - SP8858MGHCAR

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8858MGHCAR ZARLINK-SP8858MGHCAR Datasheet
547Kb / 21P
   1쨌5GHz Professional Synthesiser
More results

Similar Description - SP8858MGHCAR

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
   1쨌5GHz Professional Synthesiser
logo
Mitel Networks Corporat...
SP8853A MITEL-SP8853A Datasheet
210Kb / 14P
   1쨌3GHz Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8853A ZARLINK-SP8853A Datasheet
287Kb / 14P
   1.3 GHz Professional Synthesiser
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
SP8855D ZARLINK-SP8855D Datasheet
551Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8852D ZARLINK-SP8852D Datasheet
555Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Mitel Networks Corporat...
SP8854E MITEL-SP8854E Datasheet
176Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
SP8855E MITEL-SP8855E Datasheet
169Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com