Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8861NAHP Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # SP8861NAHP
Description  1쨌3GHz Low Power Single-Chip Frequency Synthesiser
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8861NAHP Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button SP8861NAHP Datasheet HTML 5Page - Mitel Networks Corporation SP8861NAHP Datasheet HTML 6Page - Mitel Networks Corporation SP8861NAHP Datasheet HTML 7Page - Mitel Networks Corporation SP8861NAHP Datasheet HTML 8Page - Mitel Networks Corporation SP8861NAHP Datasheet HTML 9Page - Mitel Networks Corporation SP8861NAHP Datasheet HTML 10Page - Mitel Networks Corporation SP8861NAHP Datasheet HTML 11Page - Mitel Networks Corporation SP8861NAHP Datasheet HTML 12Page - Mitel Networks Corporation SP8861NAHP Datasheet HTML 13Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
SP8861
Fig. 9 Standard form of second order loop filter
Fig. 10 Modified form of second order loop filter
LOOP CALCULATIONS
Many frequency synthesiser designs use a second order
loop with a loop filter of the form shown in Fig. 9.
In practice, an additional RC time constant (shown dashed
in Fig. 9) is often added to reduce noise from the amplifier. In
addition, any feedthrough capacitor or local decoupling at the
VCO will be added to the value of
C2. These additional
components in fact form a third order loop and, if the values
are chosen correctly, the additional filtering provided can
considerably reduce the level of reference frequency sidebands
and noise without adversely affecting the loop settling time.
The calculations of values for both types of loop are shown
below.
Second Order Loop
For this filter, two equations are required to determine the
time constants
t
1 (= C1R1) and t2 (= C1R2); the equations are:
…(1)
…(2)
KuK0
vn2N
t1 =
2
z
vn
t2 =
where
Ku is the phase detector gain factor in V/radian
K0 is the VCO gain factor = 2p310MHz/V
N is the division ratio from VCO to reference frequency
vn is the natural loop frequency = 500Hz
z
is the damping factor = 0·7071
The SP8861 phase detector is a current source rather than
a conventional voltage source and has a gain factor specified
in
µA/radian. Since the equations deal with a filter where R
1
is feeding the virtual earth point of an operational amplifier
from a voltage source,
R1 sets the input current to the filter –
similar to the circuit shown in Fig. 10 – where a current source
phase detector is connected directly to the virtual earth point
of the operational amplifier.
The equivalent voltage gain of the phase detector can be
calculated by assuming a value for
R1 and calculating a gain
in V/radian which would produce the set current.
The digital phase detector used in the SP8861 is linear
over a range of 2
p radians and therefore the phase detector
gain is given by:
Phase detector current setting
2
p
For
R1 = 1kΩ and assuming a value of phase detector current
of 50
µA, the phase detector gain is therefore:
µA/radian
+
R1
C1
R2
R3
C2
FROM PHASE
DETECTOR
TO VCO
+
C1
R2
PHASE
DETECTOR
Ku =
50
µA
2
p
Ku =
3
103
This value can now be inserted in equation 1 to obtain a value
for
C1 and equation 2 used to determine a value for R2.
= 0·00796V/radian
Example
Calculate values for a second order loop with the following
parameters:
Frequency to be synthesised
= 800MHz
Reference frequency
=100kHz
= 8000
Division ration
N
=
From equation (1),
t
1 =
800MHz
100kHz
From equation (2),
t
2 =
Now, since
t
1 = C1R1 ,
C1 =
230·7071
2p3500
0·079632p3106
(2p3500)2383103
t
1 = 6·334µs
t
2 = 450µs
∴C
1 = 6·33nF
6·33431026
103
and, since
t
2 = C1R2 ,
R2 =
∴R
2 = 71k
4·531024
6·3331029
Third Order Loop
The third order loop is normally as shown in Fig. 11. Fig. 12
shows the circuit redrawn to use an RC time constant after the
amplifier, allowing any feedthrough capacitance on the VCO
line to be included in the loop calculations. Where the modified
form in Fig. 12 is used, it is advantageous to connect a small
capacitor
CX of typically 100pF (shown dashed) across R2 to
reduce sidebands caused by the amplifier being forced into
non-linear operation by the phase comparator pulses
Three equations are required to determine the time
constants t1, t2, and t3, where
for Fig. 11
and for Fig. 12
The equations are:
t
1 = C1R1
t
2 = R2 (C11C2)
t
3 = C2R2
t
1 = C1R1
t
2 = C1R2
t
3 = C2R3
t
2 =
1
vn2t3
2
…(4)
2
tan F0 1
t
3 =
…(5)
vn
…(3)
t
1 =
KuK0
vn2N
11
vn
2 t
2
2
11
vn
2 t
3
2
1
2
1
cos F0


Similar Part No. - SP8861NAHP

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8861 ZARLINK-SP8861 Datasheet
282Kb / 15P
   1쨌3GHz Low Power Single-Chip Frequency Synthesiser
SP8861/NA/HP ZARLINK-SP8861/NA/HP Datasheet
282Kb / 15P
   1쨌3GHz Low Power Single-Chip Frequency Synthesiser
More results

Similar Description - SP8861NAHP

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8861 ZARLINK-SP8861 Datasheet
282Kb / 15P
   1쨌3GHz Low Power Single-Chip Frequency Synthesiser
logo
Mitel Networks Corporat...
SP8853A MITEL-SP8853A Datasheet
210Kb / 14P
   1쨌3GHz Professional Synthesiser
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
NJ88C50 MITEL-NJ88C50 Datasheet
209Kb / 15P
   Dual Low Power Frequency Synthesiser
logo
Zarlink Semiconductor I...
NJ88C50 ZARLINK-NJ88C50 Datasheet
523Kb / 17P
   Dual Low Power Frequency Synthesiser
WL800 ZARLINK-WL800 Datasheet
573Kb / 12P
   2.5GHz Frequency Synthesiser
logo
Mitel Networks Corporat...
SP5730 MITEL-SP5730 Datasheet
372Kb / 14P
   1.3GHz Low Phase Noise Frequency Synthesiser
WL800 MITEL-WL800 Datasheet
150Kb / 11P
   2.5GHz Frequency Synthesiser
logo
Zarlink Semiconductor I...
NJ8820 ZARLINK-NJ8820 Datasheet
493Kb / 11P
   FREQUENCY SYNTHESISER (PROM INTERFACE)
SP5730 ZARLINK-SP5730 Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com