Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8910KG Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SP8910KG
Description  5GHZ 첨10 Fixed Modulus Divider
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8910KG Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SP8910KG Datasheet HTML 1Page - Mitel Networks Corporation SP8910KG Datasheet HTML 2Page - Mitel Networks Corporation SP8910KG Datasheet HTML 3Page - Mitel Networks Corporation SP8910KG Datasheet HTML 4Page - Mitel Networks Corporation SP8910KG Datasheet HTML 5Page - Mitel Networks Corporation SP8910KG Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SP8910 (MP)
5GHZ 4
4
4
4
410 Fixed Modulus Divider
Preliminary Information
DS4360 Issue 1.3 September 1999
The SP8910 is one of a range of very high speed low
power prescalers for professional applications. The dividing
elements are static D type flip flops and therefore allow
operation down to DC if the drive signal is a pulse waveform
with fast risetime. The output stage has internal100 ohm
pull up resistors, giving a 0·5V p-p output. If required, an
external 100 ohm can be connected in parallel to give a
50 ohm output.
Ordering Information
SP8910/KG/MP1S (tubes)
SP8910/KG/MP1T (tape and reel)
Features
G Very High Operating Speed
G Operation down to DC with Square Wave Input
G Silicon Technology for Low Phase Noise
(Typically better than 2140dBc/Hz at 1KHz)
G 5V Single Supply Operation
G Low Power Dissipation: 340mW (Typ.)
G Surface Mount Plastic Package
Absolute Maximum Ratings
Supply voltage, VCC
Storage temperature
Maximum junction temperature
Prescaler input voltage
Operating temperature
Figure 1 block diagram
6·5V
265
°C to 1150°C
1150
°C
2·5Vp-p
KG240
°C to 185°C T
CASE
400
400
VCC
VREF
OUTPUT
VCC
5mA
OUTPUT
OUTPUT
18
7
6
2
3
INPUT
INPUT
44
100
100
GND
45
42


Similar Part No. - SP8910KG

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8916 MITEL-SP8916 Datasheet
96Kb / 6P
   5GHZ 첨16 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8916 ZARLINK-SP8916 Datasheet
553Kb / 7P
   5GHZ 첨 16 Fixed Modulus Divider
SP8916/KG/MP1S ZARLINK-SP8916/KG/MP1S Datasheet
553Kb / 7P
   5GHZ 첨 16 Fixed Modulus Divider
SP8916/KG/MP1T ZARLINK-SP8916/KG/MP1T Datasheet
553Kb / 7P
   5GHZ 첨 16 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8916KG MITEL-SP8916KG Datasheet
96Kb / 6P
   5GHZ 첨16 Fixed Modulus Divider
More results

Similar Description - SP8910KG

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8902 MITEL-SP8902 Datasheet
95Kb / 6P
   5GHZ 첨2 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8902 ZARLINK-SP8902 Datasheet
249Kb / 7P
   5GHZ/ 2 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8908 MITEL-SP8908 Datasheet
94Kb / 6P
   5GHZ 48 Fixed Modulus Divider
SP8916 MITEL-SP8916 Datasheet
96Kb / 6P
   5GHZ 첨16 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8916 ZARLINK-SP8916 Datasheet
553Kb / 7P
   5GHZ 첨 16 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8904 MITEL-SP8904 Datasheet
95Kb / 6P
   5GHZ 첨 4 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8908 ZARLINK-SP8908 Datasheet
408Kb / 6P
   5GHZ 첨 8 Fixed Modulus Divider
SP8808 ZARLINK-SP8808 Datasheet
441Kb / 5P
   3.3GHz 첨 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8802 MITEL-SP8802 Datasheet
93Kb / 5P
   3.3GHz 첨 2 fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8804 ZARLINK-SP8804 Datasheet
558Kb / 6P
   3.3GHZ 첨 4 Fixed Modulus Divider
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com